Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 273 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 273 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 269Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 270Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 271Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 272Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 273Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 274Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 275Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 276Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 277Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 410 page
background image
Page 259
TMP89FS60
RA001
17.6 AC Characteristics
Figure 17-16 AC Characteristics
Figure 17-17 Interval time between bytes
(VSS = 0 V, VDD = 4.5 V - 5.5 V, Topr = -40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
SCLK cycle time
tSCY
Internal clock operation
SO pin and SCLK pin load capacity=100 pF
2 / fcgck
-
-
ns
SCLK "L" pulse width
tSCYL
1 / fcgck
− 25
--
SCLK "H" pulse width
tSCYH
1 / fcgck
− 15
--
SI input setup time
tSIS
60
-
-
SI input hold time
tSIH
35
-
-
SO output delay time
tSOD
−50
-50
SCLK cycle time
tSCY
External clock operation
SO pin and SCLK pin load capacity=100 pF
2 / fcgck
-
-
SCLK "L" pulse width
tSCYL
1 / fcgck
-
-
SCLK "H" pulse width
tSCYH
1 / fcgck
-
-
SI input setup time
tSIS
50
-
-
SI input hold time
tSIH
50
-
-
SO output delay time
tSOD
0-
60
SCLK low-level input voltage
tSCLKL
0-
VDD × 0.30
V
SCLK high-level input voltage
tSCLKH
VDD × 0.70
-
VDD
SCLK pin
tSIS
VSCLKL
VSCLKH
tSCYL
tSCYH
tSCY
tSOD
tSIH
SI pin
SO pin
C7
C6
D0
D1
D2
A7
A6
B0
B1
B2
tBI
Leading edge at the
1st bit (transmit edge)
Trailing edge at the
8th bit (receive edge)
SCLK0 pin
SO0 pin
SI0 pin
Symbol
Name
Minimum time
tBI
Interval time between bytes
4/fcgck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com