Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 265 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 265 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 261Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 262Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 263Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 264Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 265Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 266Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 267Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 268Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 269Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 410 page
background image
Page 251
TMP89FS60
RA001
After the operation has stopped completely, SIO0SR<SIOF and SEF> are cleared to "0". Other SIO0SR
registers keep their values.
The receive operation can be forced to stop by setting SIO0CR<SIOM> to "00" during the operation.
By setting SIO0CR<SIOM> to "00", SIO0CR<SIOS> and SIO0SR are cleared to "0" and the SIO stops
the operation, regardless of the SIO0SR<SEF> value. If the internal clock is selected, the SCLK0 pin
returns to the initial level.
Figure 17-8 8-bit Receive Mode (Internal Clock and Reserved Stop)
SI0 pin (input)
Internal clock
SCLK0 pin (output)
INTSIO0 interrupt request
Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7
Read SIO0BUF
SIO0BUF
AC
SIO0CR<SIOS>
SIO0SR<SIOF>
SIO0SR<SEF>
SIO0SR<REND>
Data A
Reading data A
Reading data C
Reserved
stop
Automatic wait
Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7
Data C
SIO0CR<SIOM>
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com