Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 261 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 261 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 257Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 258Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 259Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 260Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 261Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 262Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 263Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 264Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 265Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 410 page
background image
Page 247
TMP89FS60
RA001
Figure 17-3 8-bit Transmit Mode (Internal Clock and Reserved Stop)
Figure 17-4 8-bit Transmit Mode (Internal Clock and Forced Stop)
SO0 pin (output)
Internal clock
SCLK0 pin (output)
INTSIO0 interrupt request
Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7
Write to SIO0BUF
SIO0BUF
AB
C
SIO0CR<SIOS>
SIO0CR<SIOM>
SIO0SR<SIOF>
SIO0SR<SEF>
SIO0SR<TBFL>
Data A
Data B
Writing data A
Writing data B
Writing data C
Reserved stop
Start operation
An interrupt is generated
after transmission in
case of reserved stop
The level is held for the period
of the internal clock×(1/2)
Automatic wait
01
Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7
Data C
SO0 pin (output)
Internal clock
SCLK0 pin (output)
INTSIO0 interrupt request
Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Bit0 Bit1 Bit2
Write to SIO0BUF
SIO0BUF
AB
C
D
SIO0CR<SIOS>
SIO0CR<SIOM>
SIO0SR<SIOF>
SIO0SR<SEF>
SIO0SR<TBFL>
Data A
Data B
Writing data A
Writing data B
Writing data C
Writing data D
Forced stop
Start operation
01
01
00
00
Start operation
Bit0 Bit1 Bit2 Bit3 Bit4 Bit5
Data C
Forced stop
Forced stop has priority
over reserved stop
Data is not held but
becomes the H level
Clock output is stopped
Reserved stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com