Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 260 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 260 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 256Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 257Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 258Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 259Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 260Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 261Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 262Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 263Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 264Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 410 page
background image
Page 246
17. Synchronous Serial Interface (SIO)
17.5 Transfer Modes
TMP89FS60
RA001
(1)
When the internal clock is used and SIO0SR<TBFL> is "0"
When the data transmission is completed, the SCLK0 pin becomes the initial state and the SO0 pin
becomes the "H" level. SIO0SR<SEF> remains at "0". When the internal clock is used, the serial
clock and data output is stopped until the next transmit data is written into SIO0BUF (automatic
wait).
When the subsequent data is written into SIO0BUF, SIO0SR<SEF> is set to "1", the SCLK0 pin
outputs the serial clock, and the transmit operation is restarted. An INTSIO0 interrupt request is gen-
erated at the restart of the transmit operation.
(2)
When an external clock is used and SIO0SR<TBFL> is "0"
When the data transmission is completed, the SO pin keeps last output value. When an external
serial clock is input to the SCLK0 pin after completion of the data transmission, an undefined value
is transmitted and the transmit underrun error flag SIO0SR<UERR> is set to "1".
If a transmit underrun error occurs, data must not be written to SIO0BUF during the transmission
of an undefined value. (It is recommended to finish the transmit operation by setting
SIO0CR<SIOS> to "0" or force the transmit operation to stop by setting SIO0CR<SIOM> to "00".)
The transmit underrun error flag SIO0SR<UERR> is cleared by reading SIO0SR.
(3)
When an internal or external clock is used and SIO0SR<TBFL> is "1"
When the data transmission is completed, SIO0SR<TBFL> is cleared to "0". The data in
SIO0BUF is transferred to the shift register and the transmission of subsequent data is started. At this
time, SIO0SR<SEF> is set to "1" and an INTSIO0 interrupt request is generated.
17.5.1.5 Stopping the transmit operation
Set SIO0CR<SIOS> to "0" to stop the transmit operation. When SIO0SR<SEF> is "0", or when the
shift operation is not in progress, the transmit operation is stopped immediately and an INTSIO0 interrupt
request is generated. When SIO0SR<SEF> is "1", the transmit operation is stopped after all the data in the
shift register is transmitted (reserved stop). At this time, an INTSIO0 interrupt request is generated again.
When the transmit operation is completed, SIO0SR<SIOF, SEF and TBFL> are cleared to "0". Other
SIO0SR registers keep their values.
If the internal clock has been used, the SO0 pin automatically returns to the "H" level. If an external
clock has been used, the SO0 pin keeps the last output value. To return the SO0 pin to the "H" level, write
"00" to SIO0CR<SIOM> when the operation is stopped.
The transmit operation can be forced to stop by setting SIO0CR<SIOM> to "00" during the operation.
By setting SIO0CR<SIOM> to "00", SIO0CR<SIOS> and SIO0SR are cleared to "0" and the SIO stops
the operation, regardless of the SIO0SR<SEF> value. The SO0 pin becomes the "H" level. If the internal
clock is selected, the SCLK0 pin returns to the initial level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com