Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 256 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 256 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 252Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 253Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 254Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 255Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 256Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 257Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 258Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 259Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 260Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 410 page
background image
Page 242
17. Synchronous Serial Interface (SIO)
17.3 Low Power Consumption Function
TMP89FS60
RA001
17.3 Low Power Consumption Function
Serial interface 0 has the low power consumption registers (POFFCR2) that save power when the serial interface is
not being used.
Setting POFFCR2<SIO0EN> to "0" disables the basic clock supply to serial interface 0 to save power. Note that
this renders the serial interface unusable. Setting POFFCR2<SIO0EN> to "1" enables the basic clock supply to serial
interface 0 and allows the serial interface to operate.
After reset, POFFCR2<SIO0EN> are initialized to "0", and this renders the serial interface unusable. When using
the serial interface for the first time, be sure to set POFFCR2<SIO0EN> to "1" in the initial setting of the program
(before the serial interface control registers are operated).
Do not change POFFCR2<SIO0EN> to "0" during the serial interface operation. Otherwise serial interface 0 may
operate unexpectedly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com