Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 254 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 254 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 250Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 251Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 252Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 253Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 254Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 255Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 256Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 257Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 258Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 410 page
background image
Page 240
17. Synchronous Serial Interface (SIO)
17.2 Control
TMP89FS60
RA001
Note 1: fcgck: Gear clock [Hz], fs: Low-frequency clock [Hz]
Note 2: After the operation is started by writing "1" to SIOS, writing to SIOEDG, SIOCKS and SIODIR is invalid until
SIO0SR<SIOF> becomes "0". (SIOEDG, SIOCKS and SIODIR can be changed at the same time as changing SIOS from
"0" to "1".)
Note 3: After the operation is started by writing "1" to SIOS, no values other than"00" can be written to SIOM until SIOF becomes
"0" (if a value from "01" to "11" is written to SIOM, it is ignored). The transfer mode cannot be changed during the opera-
tion.
Note 4: SIOS remains at "0", if "1" is written to SIOS when SIOM is "00" (operation stop).
Note 5: When SIO is used in SLOW1/2 or SLEEP1 mode, be sure to set SIOCKS to "110". If SIOCKS is set to any other value,
SIO will not operate. When SIO is used in SLOW1/2 or SLEEP1 mode, execute communications with SIOCKS="110" in
advance or change SIOCKS after SIO is stopped.
Note 6: When STOP, IDLE0 or SLEEP0 mode is activated, SIOM is automatically cleared to "00" and SIO stops the operation. At
the same time, SIOS is cleared to "0". However, the values set for SIOEDG, SIOCKS and SIODIR are maintained.
Serial interface control register
SIO0CR
76543
210
(0x001F)
Bit Symbol
SIOEDG
SIOCKS
SIODIR
SIOS
SIOM
Read/Write
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
SIOEDG
Transfer edge selection
0
1
0: Receive data at a rising edge and transmit data at a falling edge
1: Transmit data at a rising edge and receive data at a falling edge
SIOCKS
Serial clock selection [Hz]
NORMAL1/2 or IDLE1/2 mode
SLOW1/2 or SLEEP1 mode
000
fcgck/29
-
001
fcgck/26
-
010
fcgck/25
-
011
fcgck/24
-
100
fcgck/23
-
101
fcgck/22
-
110
fcgck/2
fs/23
111
External clock input
SIODIR
Transfer format (MSB/LSB) selec-
tion
0
1
LSB first (transfer from bit 0)
MSB first (transfer from bit 7)
SIOS
Transfer operation start/stop
instruction
0
1
0: Operation stop (reserved stop)
1: Operation start
SIOM
Transfer mode selection and
operation
00
Operation stop (forced stop)
01
8-bit transmit mode
10
8-bit receive mode
11
8-bit transmit and receive mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com