Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 253 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 253 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 249Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 250Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 251Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 252Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 253Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 254Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 255Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 256Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 257Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 410 page
background image
Page 239
TMP89FS60
RA001
17.2 Control
The synchronous serial interface SIO0 is controlled by the low power consumption registers (POFFCR2), the
serial interface data buffer register (SIO0BUF), the serial interface control register (SIO0CR) and the serial interface
status register (SIO0SR).
Note 1: SIO0BUF is the data buffer for both transmission and reception. The last received data is read each time SIO0BUF is
read. If SIO0BUF has never received data, it is read as "0". When data is written into it, the data is treated as the transmit
data.
Low power consumption register 2
POFFCR2
76543
210
(0x0F76)
Bit Symbol
-
-
RTCEN
-
-
-
SIO1EN
SIO0EN
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
RTCEN
RTC control
0
1
Disable
Enable
SIO1EN
SIO1 control
0
1
Disable
Enable
SIO0EN
SIO0 control
0
1
Disable
Enable
Serial interface buffer register
SIO0BUF
76543
210
(0x0021)
Bit Symbol
SIO0BUF
Read/Write
R
After reset
00000
000
Serial interface buffer register
SIO0BUF
76543
210
(0x0021)
Bit Symbol
SIO0BUF
Read/Write
W
After reset
11111
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com