Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 255 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 255 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 251Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 252Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 253Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 254Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 255Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 256Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 257Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 258Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 259Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 410 page
background image
Page 241
TMP89FS60
RA001
Note 1: The OERR and UERR flags are cleared by reading SIO0SR.
Note 2: The REND flag is cleared by reading SIO0BUF.
Note 3: Writing "00" to SIO0CR<SIOM> clears all the bits of SIO0SR to "0", whether the serial interface is operating or not. When
STOP, IDLE0 or SLEEP0 mode is activated, SIOM is automatically cleared to "00" and all the bits of SIO0SR are cleared
to "0".
Note 4: Bit 1 to 0 of SIO0SR are read "0".
Serial interface status register
SIO0SR
76543
210
(0x0020)
Bit Symbol
SIOF
SEF
OERR
REND
UERR
TBFL
-
-
Read/Write
RRRRRRRR
After reset
00000
000
SIOF
Serial transfer operation status
monitor
0
1
Transfer not in progress
Transfer in progress
SEF
Shift operation status monitor
0
1
Shift operation not in progress
Shift operation in progress
OERR
Receive overrun error flag
0
1
No overrun error has occurred
At least one overrun error has occurred
REND
Receive completion flag
0
1
No data has been received since the last receive data was read out
At least one data receive operation has been executed
UERR
Transmit underrun error flag
0
1
No transmit underrun error has occurred
At least one transmit underrun error has occurred
TBFL
Transmit buffer full flag
0
1
The transmit buffer is empty
The transmit buffer has the data that has not yet been transmitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com