Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 259 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 259 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 255Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 256Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 257Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 258Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 259Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 260Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 261Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 262Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 263Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 410 page
background image
Page 245
TMP89FS60
RA001
17.5 Transfer Modes
17.5.1 8-bit transmit mode
The 8-bit transmit mode is selected by setting SIO0CR<SIOM> to "01".
17.5.1.1 Setting
Before starting the transmit operation, select the transfer edges at SIO0CR<SIOEDG>, a transfer format
at SIO0CR<SIODIR> and a serial clock at SIO0CR<SIOCKS>. To use the internal clock as the serial
clock, select an appropriate serial clock at SIO0CR<SIOCKS>. To use an external clock as the serial
clock, set SIO0CR<SIOCKS> to "111".
The 8-bit transmit mode is selected by setting SIO0CR<SIOM> to "01".
The transmit operation is started by writing the first byte of transmit data to SIO0BUF and then setting
SIO0CR<SIOS> to "1".
Writing data to SIO0CR<SIOEDG, SIOCKS and SIODIR> is invalid when the serial communication is
in progress, or when SIO0SR<SIOF> is "1". Make these settings while the serial communication is
stopped. While the serial communication is in progress (SIO0SR<SIOF>="1"), only writing "00" to
SIO0CR<SIOM> or writing "0" to SIO0CR<SIOS> is valid.
17.5.1.2 Starting the transmit operation
The transmit operation is started by writing data to SIO0BUF and then setting SIO0CR<SIOS> to "1".
The transmit data is transferred from SIO0BUF to the shift register, and then transmitted as the serial data
from the SO0 pin according to the settings of SIO0CR<SIOEDG, SIOCKS and SIODIR>. The serial data
becomes undefined if the transmit operation is started without writing any transmit data to SIO0BUF.
In the internal clock operation, the serial clock of the selected baud rate is output from the SCLK0 pin.
In the external clock operation, an external clock must be supplied to the SCLK0 pin.
By setting SIO0CR<SIOS> to "1", SIO0SR<SIOF and SEF> are automatically set to "1" and an
INTSIO0 interrupt request is generated.
SIO0SR<SEF> is cleared to "0" when the 8th bit of the serial data is output.
17.5.1.3 Transmit buffer and shift operation
If data is written to SIO0BUF when the serial communication is in progress and the shift register is
empty, the written data is transferred to the shift register immediately. At this time, SIO0SR<TBFL>
remains at "0".
If data is written to SIO0BUF when some data remains in the shift register, SIO0SR<TBFL> is set to
"1". If new data is written to SIO0BUF in this state, the contents of SIO0BUF are overwritten by the new
value. Make sure that SIO0SR<TBFL> is "0" before writing data to SIO0BUF.
17.5.1.4 Operation on completion of transmission
The operation on completion of the data transmission varies depending on the operating clock and the
state of SIO0SR<TBFL>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com