Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 258 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 258 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 254Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 255Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 256Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 257Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 258Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 259Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 260Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 261Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 262Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 410 page
background image
Page 244
17. Synchronous Serial Interface (SIO)
17.4 Functions
TMP89FS60
RA001
Figure 17-2 Transfer Edge
Note:When an external clock input is used, 4/fcgck or longer is needed between the receive edge at the 8th bit and
the transfer edge at the first bit of the next transfer.
R1
R0
R2
R3
R4
R5
R6
R7
T1
T0
T2
T3
T4
T5
T6
T7
SLCK0 pin
SO0 pin
SI0 pin
When SIOCR<SIOEDG>=“0”
R1
R0
R2
R3
R4
R5
R6
R7
T1
T0
T2
T3
T4
T5
T6
T7
SCLK0 pin
SO0 pin
SI0 pin
When SIOCR<SIOEDG>=“1”
C7
C6
D0
D1
D2
A7
A6
B0
B1
B2
tBI
Leading edge at the
1st bit (transmit edge)
Trailing edge at the
8th bit (receive edge)
SCLK0 pin
SO0 pin
SI0 pin
Symbol
Name
Minimum time
tBI
Interval time between bytes
4/fcgck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com