Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 263 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 263 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 259Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 260Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 261Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 262Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 263Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 264Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 265Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 266Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 267Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 410 page
background image
Page 249
TMP89FS60
RA001
Figure 17-7 8-bit Transmit Mode (External Clock and Occurrence of Transmit Underrun
Error)
SO0 pin (output)
SCLK0 pin (input)
INTSIO0 interrupt request
Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Bit0 Bit1
Bit2 Bit3 Bit4 Bit5 Bit6
Bit7
Write to SIO0BUF
SIO0BUF
AB
C
Read SIO0SR
SIO0CR<SIOS>
SIO0SR<SIOF>
SIO0SR<SEF>
SIO0SR<TBFL>
SIO0SR<UERR>
Data A
Data A
Data B
Writing
data A
Writing
data B
Reading
SIO0SR
Writing
data C
Reserved stop
Start operation
Stopped while keeping the
current level in the operation
with an external clock
Returned to the H level by
setting SIOCR1<SIOM> to “00”
Transferred to the buffer
immediately after writing
Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6
Bit7
Data B
Data C
Transferred to the buffer
immediately after writing
SIO0CR<SIOM>
01
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com