Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 298 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 298 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 294Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 295Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 296Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 297Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 298Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 299Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 300Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 301Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 302Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 410 page
background image
Page 284
18. Serial Bus Interface (SBI)
18.5 Data Transfer of I2C Bus
TMP89FS60
RA001
Check SBI0SR2<LRB> until it becomes "1" to check that the SCL line on the bus is not pulled down to the
low level by other devices.
After confirming that the bus stays in a free state, generate a start condition in the procedure "18.5.2 Start
condition and slave address generation".
In order to meet the setup time at a restart, take at least 4.7
µs of waiting time by the software in the standard
mode I2C bus standard or at least 0.6
µs of waiting time in the fast mode I2C bus standard from the time of
restarting to confirm that a bus is free until the time to generate a start condition.
Note:When the master is in the receiver mode, it is necessary to stop the data transmission from the slave device
before the STOP condition is generated. To stop the transmission, the master device make the slave device
receiving a negative acknowledge. Therefore, SBI0SR2<LRB> is "1" before generating the Restart and it can
not be confirmed that SCL line is not pulled down by other devices. Please confirm the SCL line state by read-
ing the port.
Figure 18-22 Timing Diagram When Restarting
Example :Generate a restart
LD
(SBI0CR2), 0x18
; Sets SBI0CR2<MST>, <TRX> and <BB> to "0" and SBI0CR2<PIN> to
"1"
CHK_BB:
TEST
(SBI0SR2).BB
; Waits until SBI0SR2<BB> becomes "0"
JR
T, CHK_BB
CHK_LRB:
TEST
(SBI0SR2).LRB
; Waits until SBI0SR2<LRB> becomes "1"
JR
F, CHK_LRB
.
.
; Wait time process by the software
.
LD
(SBI0CR2), 0xf8
; Sets SBI0CR2<MST>, <TRX>, <BB> and <PIN> to "1"
Start condition
4.7
µs min. in the normal mode or
0.6
µs min. in the fast mode
SBI0CR2<MST>="0"
SBI0CR2<TRX>="0"
SBI0CR2<BB>="0"
SBI0CR2<PIN>="1"
SCL0 pin
SCL (Bus)
SDA0 pin
SBI0SR2<LRB>
SBI0SR2<BB>
SBI0CR2<PIN>
SBI0CR2<PIN>="1"
SBI0CR2<BB>="1"
SBI0CR2<TRX>="1"
SBI0CR2<MST>="1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com