Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 295 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 295 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 291Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 292Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 293Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 294Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 295Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 296Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 297Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 298Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 299Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 410 page
background image
Page 281
TMP89FS60
RA001
2. Clear SBI0CR1<ACK> to "0" and set SBI0CR1<BC> to "001".
3. To set SBI0CR2<PIN> to "1", write a dummy data (0x00) to SBI0DBR.
Transfer 1-bit data by setting SBI0CR1<PIN> to "1".
In this case, since the master device is a receiver, the SDA line on a bus keeps the high level. The
transmitter receives the high-level signal as a negative acknowledge signal. The receiver indicates to
the transmitter that data transfer is complete.
After 1-bit data is received and an interrupt request has occurred, generate the stop condition to ter-
minate data transfer.
Figure 18-20 Termination of Data Transfer in the Master Receiver Mode
18.5.3.2 When SBI0SR2<MST> is "0" (Slave mode)
In the slave mode, a serial bus interface circuit operates either in the normal slave mode or in the slave
mode after losing arbitration.
In the slave mode, the conditions of generating the serial bus interface interrupt request (INTSBI0) are
follows:
• At the end of the acknowledge signal when the received slave address matches the value set by the
I2C0AR<SA> with SBI0CR1<NOACK> set at "0"
• At the end of the acknowledge signal when a "GENERAL CALL" is received with
SBI0CR1<NOACK> set at "0"
• At the end of transferring or receiving after matching of slave address or receiving of "GENERAL
CALL"
The serial bus interface circuit changes to the slave mode if arbitration is lost in the master mode. And
an interrupt request occurs when the word data transfer terminates after losing arbitration. The generation
of the interrupt request and the behavior of SBI0CR2<PIN> after losing arbitration are shown in Table 18-
4.
Negative
acknowledge signal
to the transmitter
2345678
1
9
D7
D5
D6
D4
D3
D2
D1
D0
SCL0 pin
SDA0 pin
SBI0CR<PIN>
INTSBI0 Interrupt
request
After reading the reveived
data, set SBI0CR1<BC> to
"001" and write dummy data
(0x00)
After reading the received data, clear
SBI0CR1<ACK> to "0" and writing the
dummy data (0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com