Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 291 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 291 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 287Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 288Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 289Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 290Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 291Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 292Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 293Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 294Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 295Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 410 page
background image
Page 277
TMP89FS60
RA001
18.4.13GENERAL CALL detection monitor
SBI0SR2<AD0> is set to "1" when SBI0CR1<NOACK> is "0" and GENERAL CALL (all 8-bit received
data is "0" immediately after a start condition) in a slave mode.
Setting SBI0CR1<NOACK> to "1" disables the subsequent slave address match and GENERAL CALL
detections. SBI0SR2<AD0> remains at "0" even if a "GENERAL CALL" is received.
SBI0SR2<AD0> is cleared to "0" when a start or stop condition is detected on a bus.
Figure 18-15 Changes in the GENERAL CALL Detection Monitor
18.4.14Last received bit monitor
The SDA line value stored at the rising edge of the SCL line is set to SBI0SR2<LRB>.
In the acknowledge mode, immediately after an interrupt request is generated, an acknowledge signal is read
by reading the contents of SBI0SR2<LRB>.
Figure 18-16 Changes in the Last Received Bit Monitor
18.4.15Slave address and address recognition mode specification
When the serial bus interface circuit is used in the I2C bus mode, clear I2C0AR<ALS> to "0", and set
I2C0AR<SA> to the slave address.
When the serial bus interface circuit is used with a free data format not to recognize the slave address, set
I2C0AR<ALS> to "1". With a free data format, the slave address and the direction bit are not recognized, and
they are processed as data from immediately after the start condition.
Start condition
Stop condition
Output of an acknowledge signal
GENERAL CALL
23456789
1
SCL (Bus)
SDA (Bus)
SDA0 端子
SBI0SR2<AD0>
INTSBI0 Interrupt request
Acknowledgment
23456789
1
D7
D6
D5
D4
D3
D2
D1
D0
D6
D7
D5
D4
D3
D2
D1
D
Acknowledgment
SCL
SDA
SBI0SR2<LRB>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com