Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 290 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 290 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 286Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 287Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 288Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 289Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 290Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 291Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 292Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 293Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 294Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 410 page
background image
Page 276
18. Serial Bus Interface (SBI)
18.4 Functions
TMP89FS60
RA001
Figure 18-13 Example When Master B is a Serial Bus Interface Circuit
18.4.12Slave address match detection monitor
In the slave mode, SBI0SR2<AAS> is set to "1" when the received data is "GENERAL CALL" or the
received data matches the slave address setting by I2C0AR<SA> with SBI0CR1<NOACK> set at "0" and the
I2C bus mode is active (I2C0AR<ALS>="0").
Setting SBI0CR1<NOACK> to "1" disables the subsequent slave address match and GENERAL CALL
detections. SBI0SR2<AAS> remains at "0" even if a "GENERAL CALL" is received or the same slave
address as the I2C0AR<SA> set value is received.
When a serial bus interface circuit operates in the free data format (I2C0AR<ALS>= "1"), SBI0SR2<AAS>
is set to "1" after receiving the first 1-word of data. SBI0SR2<AAS> is cleared to "0" by writing data to the
SBI0DBR or reading data from the SBI0DBR.
Figure 18-14 Changes in the Slave Address Match Detection Monitor
SCL pin
SDA pin
SCL pin
SDA pin
D4A
123
123
456789
12
3456789
Master A
Master B
Stop clock output
Releasing SDA pin and SCL pin
to high level as losing arbitration.
D5A
D6A
D7A
D3A D2A D1A D0A
D6A
D7A
D5A’
D6A’
D7A’
SBI0SR2<AL>
SBI0CR2<MST>
SBI0CR2<PIN>
INTSBI0 Interrupt request
Access to SBI0DBR or
SBI0CR2
Start condition
Output of an acknowledge signal
Slave address + Direction bit
SA6
SA5
SA4
SA3
SA2
SA1
SA0
R/W
SCL0 (Bus)
SDA0 (Bus)
SDA0 pin
INTSBI0 Interrupt request
Writing or reading SBI0DBR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com