Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 286 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 286 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 282Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 283Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 284Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 285Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 286Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 287Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 288Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 289Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 290Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 410 page
background image
Page 272
18. Serial Bus Interface (SBI)
18.4 Functions
TMP89FS60
RA001
Figure 18-8 Example of Clock Synchronization
As Master 1 pulls down the SCL pin to the low level at point "a", the SCL line of the bus becomes the
low level. After detecting this situation, Master 2 resets counting a clock pulse in the high level and sets
the SCL pin to the low level.
Master 1 finishes counting a clock pulse in the low level at point "b" and sets the SCL pin to the high
level. Since Master 2 holds the SCL line of the bus at the low level, Master 1 waits for counting a clock
pulse in the high level. After Master 2 sets a clock pulse to the high level at point "c" and detects the SCL
line of the bus at the high level, Master 1 starts counting a clock pulse in the high level. Then, the master,
which has finished the counting a clock pulse in the high level, pulls down the SCL pin to the low level.
The clock pulse on the bus is determined by the master device with the shortest high-level period and
the master device with the longest low-level period from among those master devices connected to the
bus.
18.4.5 Master/slave selection
To set a master device, SBI0CR2<MST> should be set to "1".
To set a slave device, SBI0CR2<MST> should be cleared to "0". When a stop condition on the bus or an
arbitration lost is detected, SBI0CR2<MST> is cleared to "0" by the hardware.
18.4.6 Transmitter/receiver selection
To set the device as a transmitter, SBI0CR2<TRX> should be set to "1". To set the device as a receiver,
SBI0CR2<TRX> should be cleared to "0".
For the I2C bus data transfer in the slave mode, SBI0CR2<TRX> is set to "1" by the hardware if the direction
bit (R/W) sent from the master device is "1", and is cleared to "0" if the bit is "0".
In the master mode, after an acknowledge signal is returned from the slave device, SBI0CR2<TRX> is
cleared to "0" by hardware if a transmitted direction bit is "1", and is set to "1" by hardware if it is "0". When
an acknowledge signal is not returned, the current condition is maintained.
When a stop condition on the bus or an arbitration lost is detected, SBI0CR2<TRX> is cleared to "0" by the
hardware. Table 18-3 shows SBI0CR2<TRX> changing conditions in each mode and SBI0CR2<TRX> value
after changing.
Note:When SBI0CR1<NOACK> is "1", the slave address match detection and the GENERAL CALL detection are
disabled, and thus SBI0CR2<TRX> remains unchanged.
Count start
ab
c
SCL pin (Master 1)
SCL pin (Master 2)
SCL (Bus)
Count reset
Wait
Count reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com