Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 284 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 284 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 280Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 281Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 282Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 283Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 284Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 285Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 286Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 287Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 288Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 410 page
background image
Page 270
18. Serial Bus Interface (SBI)
18.4 Functions
TMP89FS60
RA001
During the data transfer after the slave address match is detected or a "GENERAL CALL" is
received in the transmitter mode, the SDA0 pin is released to receive an acknowledge signal
from the receiver during the period of the clocks for an acknowledge signal.
In the receiver mode, the SDA0 pin is pulled down to the low level and an acknowledge sig-
nal is generated. Table 18-2 shows the states of the SCL0 and SDA0 pins in the acknowledg-
ment mode.
Note: In the non-acknowledgment mode, the clocks for an acknowledge signal are not generated or counted,
and thus no acknowledge signal is output.
18.4.4 Serial clock
18.4.4.1 Clock source
SBI0CR1<SCK> is used to set the HIGH and LOW periods of the serial clock to be output in the master
mode.
Table 18-2 States of the SCL0 and SDA0 Pins in the Acknowledgment Mode
Mode
Pin
Condition
Transmitter
Receiver
Master
SCL0
-
Add the clocks for an
acknowledge signal.
Add the clocks for an acknowl-
edge signal
SDA0
-
Release the pin to receive an
acknowledge signal
Output the low level as an
acknowledge signal to the pin
Slave
SCL0
-
Count the clocks for an
acknowledge signal
Count the clocks for an
acknowledge signal
SDA0
When the slave address
match is detected or a
"GENERAL CALL" is
received
-
Output the low level as an
acknowledge signal to the pin
During transfer after the
slave address match is
detected or a "GEN-
ERAL CALL" is received
Release the pin to receive an
acknowledge signal
Output the low level as an
acknowledge signal to the pin
SCK
tHIGH(m/fcgck)
tLOW(n/fcgck)
mn
000:
9
12
001:
11
14
010:
15
18
011:
23
26
100:
39
42
101:
71
74
110:
135
138
111:
263
266



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com