Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 285 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 285 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 281Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 282Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 283Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 284Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 285Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 286Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 287Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 288Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 289Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 410 page
background image
Page 271
TMP89FS60
RA001
Figure 18-6 SCL Output
Note: There are cases where the HIGH period differs from tHIGH selected at SBI0CR1<SCK> when the rising
edge of the SCL pin becomes blunt due to the load capacity of the bus.
In the master mode, the hold time when the start condition is generated is tHIGH [s] and the setup time
when the stop condition is generated is tHIGH [s].
When SBI0CR2<PIN> is set to "1" in the slave mode, the time that elapses before the release of the
SCL pin is tLOW [s].
In both the master and slave modes, the high level period must be 3/fcgck[s] or longer and the low level
period must be 5/fcgck[s] or longer for the externally input clock, regardless of the SBI0CR1<SCK> set-
ting.
Figure 18-7 SCL Input
18.4.4.2 Clock synchronization
In the I2C bus, due to the structure of the pin, in order to drive a bus with a wired AND, a master device
which pulls down a clock pulse to low will, in the first place, invalidate the clock pulse of another master
device which generates a high-level clock pulse. Therefore, the master outputting the high level must
detect this to correspond to it.
The serial bus interface circuit has a clock synchronization function. This function ensures normal
transfer even if there are two or more masters on the same bus.
The example explains clock synchronization procedures when two masters simultaneously exist on a
bus.
1/fscl
tLOW
tHIGH
t
= m / fcgck
= n / fcgck
HIGH
tLOW
fscl = 1/(tHIGH +
)
tLOW
SCL output
SCL input
t
>=
>=
HIGH
tLOW
tLOW
tHIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com