Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 289 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 289 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 285Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 286Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 287Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 288Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 289Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 290Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 291Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 292Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 293Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 410 page
background image
Page 275
TMP89FS60
RA001
A software reset is generated by writing "10" and then "01" to SBI0CR2<SWRST>.
After a software reset is generated, the serial bus interface circuit is initialized and all the bits of SBI0CR2
register, except SBI0CR2<SBIM> and the SBI0CR1, I2C0AR<SA> and SBI0SR2 registers, are initialized.
18.4.11Arbitration lost detection monitor
Since more than one master device can exist simultaneously on a bus, a bus arbitration procedure is imple-
mented in order to guarantee the contents of transferred data.
Data on the SDA line is used for bus arbitration of the I2C bus.
The following shows an example of a bus arbitration procedure when two master devices exist simulta-
neously on a bus. Master 1 and Master 2 output the same data until point "a". After that, when Master 1 outputs
"1" and Master 2 outputs "0", since the SDA line of a bus is wired AND, the SDA line is pulled down to the
low level by Master 2. When the SCL line of a bus is pulled-up at point "b", the slave device reads data on the
SDA line, that is data in Master 2. Data transmitted from Master 1 becomes invalid. The state in Master 1 is
called "arbitration lost". A master device which loses arbitration releases the SDA pin and the SCL pin in order
not to effect data transmitted from other masters with arbitration. When more than one master sends the same
data at the first word, arbitration occurs continuously after the second word.
Figure 18-12 Arbitration Lost
The serial bus interface circuit compares levels of a SDA line of a bus with its SDA pin at the rising edge of
the SCL line. If the levels are unmatched, arbitration is lost and SBI0SR2<AL> is set to "1".
When SBI0SR2<AL> is set to "1", SBI0CR2<MST> and SBI0CR2<TRX> are cleared to "0" and the mode
is switched to a slave receiver mode. Thus, the serial bus interface circuit stops output of clock pulses during
data transfer after the SBI0SR2<AL> is set to "1". After the data transfer is completed, SBICR2<PIN> is
cleared to "0" and the SCL pin is pulled down to the low level.
SBI0SR2<AL> is cleared to "0" by writing data to the SBI0DBR, reading data from the SBI0DBR or writing
data to the SBI0CR2.
ab
SCL (Bus)
SDA pin (Master 1)
SDA pin (Master 2)
SDA (Bus)
The SDA pin becomes "1" after losing arbitration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com