Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 288 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 288 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 284Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 285Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 286Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 287Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 288Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 289Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 290Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 291Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 292Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 410 page
background image
Page 274
18. Serial Bus Interface (SBI)
18.4 Functions
TMP89FS60
RA001
18.4.8 Interrupt service request and release
When a serial bus interface circuit is in the master mode and transferring a number of clocks set by
SBI0CR1<BC> and SBI0CR1<ACK> is complete, a serial bus interface interrupt request (INTSBI0) is gener-
ated.
In the slave mode, a serial bus interface interrupt request (INTSBI0) is generated when the above and follow-
ing conditions are satisfied:
• At the end of the acknowledge signal when the received slave address matches to the value set by the
I2C0AR<SA> with SBI0CR1<NOACK> set at "0"
• At the end of the acknowledge signal when a "GENERAL CALL" is received with
SBI0CR1<NOACK> set at "0"
• At the end of transferring or receiving after matching of the slave address or receiving of "GENERAL
CALL"
When a serial bus interface interrupt request occurs, SBI0CR2<PIN> is cleared to "0". During the time that
SBI0CR2<PIN> is "0", the SCL0 pin is pulled down to the low level.
Figure 18-11 SBI0CR2<PIN> and SCL0 Pin
Writing data to SBI0DBR sets SBI0CR2<PIN> to "1". The time from SBI0CR2<PIN> being set to "1" until
the SBI0 pin is released takes tLOW.
Although SBI0CR2<PIN> can be set to "1" by the software, SBI0CR2<PIN> can not be cleared to "0" by the
software.
18.4.9 Setting of serial bus interface mode
SBI0CR2<SBIM> is used to set serial bus interface mode.
Setting SBI0CR2<SBIM> to "1" selects the serial bus interface mode. Setting it to "0" selects the port mode.
Set SBI0CR2<SBIM> to "1" in order to set serial bus interface mode. Before setting of serial bus interface
mode, confirm serial bus interface pins in a high level, and then, write "1" to SBI0CR2<SBIM>.
And switch a port mode after confirming that a bus is free and set SBI0CR2<SBIM> to "0".
Note:When SBI0CR2<SBIM> is "0", no data can be written to SBI0CR2 except SBI0CR2<SBIM>. Before setting
values to SBI0CR2, write "1" to SBI0CR2<SBIM> to activate the serial bus interface mode.
18.4.10Software reset
The serial bus interface circuit has a software reset function that initializes the serial bus interface circuit. If
the serial bus interface circuit locks up, for example, due to noise, it can be initialized by using this function.
SCL0 pin
SBI0CR2<PIN>
INTSBI0 interrupt request
23
789
1
1
tLOW
Set SBI0CR2<PIN> to "1" or
write data to SBI0DBR
SCL0 pin is pulled
to low when
SBI0CR2<PIN> is "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com