Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 282 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 282 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 278Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 279Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 280Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 281Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 282Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 283Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 284Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 285Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 286Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 410 page
background image
Page 268
18. Serial Bus Interface (SBI)
18.4 Functions
TMP89FS60
RA001
18.4.2 Selecting the slave address match detection and the GENERAL CALL detection
SBI0CR1<NOACK> enables and disables the slave address match detection and the GENERAL CALL
detection in the slave mode.
Clearing SBI0CR1<NOACK> to "0" enables the slave address match detection and the GENERAL CALL
detection.
Setting SBI0CR1<NOACK> to "1" disables the subsequent slave address match and GENERAL CALL
detections. The slave addresses and "GENERAL CALL" sent from the master are ignored. No acknowledge-
ment is returned and no interrupt request is generated.
In the master mode, SBI0CR1<NOACK> is ignored and has no influence on the operation.
Note:If SBI0CR1<NOACK> is cleared to "0" during data transfer in the slave mode, it remains at "1" and returns an
acknowledge signal of data transfer.
18.4.3 Selecting the number of clocks for data transfer and selecting the acknowledge-
ment or non-acknowledgment mode
1-word data transfer consists of data and an acknowledge signal. When the data transfer is finished, an inter-
rupt request is generated.
SBI0CR1<BC> is used to select the number of bits of data to be transmitted/received subsequently.
The acknowledgment mode is activated by setting SBI0CR1<ACK> to "1".
The master device generates the clocks for an acknowledge signal and outputs an acknowledge signal in the
receiver mode. The slave device counts the clocks for an acknowledge signal and outputs an acknowledge sig-
nal in the receiver mode.
The non-acknowledgment mode is activated by setting SBI0CR1<ACK> to "0".
The master device does not generate the clocks for an acknowledge signal. The slave device does not count
the clocks for an acknowledge signal.
18.4.3.1 Number of clocks for data transfer
The number of clocks for data transfer is set by using SBI0CR1<BC> and SBI0CR1<ACK>.
The acknowledgment mode is activated by setting SBI0CR1<ACK> to "1".
In the acknowledgment mode, the master device generates the clocks that correspond to the number of
data bits, generates the clocks for an acknowledge signal, and generates an interrupt request.
The slave device counts the clocks that correspond to the data bits, counts the clocks for an acknowl-
edge signal, and generates an interrupt request.
The non-acknowledgment mode is activated by setting SBI0CR1<ACK> to "0".
In the non-acknowledgment mode, the master device generates the clocks that correspond to the number
of data bits, and generates an interrupt request.
The slave device counts the clocks that correspond to the data bits, and generates an interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com