Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 279 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 279 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 275Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 276Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 277Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 278Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 279Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 280Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 281Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 282Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 283Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 410 page
background image
Page 265
TMP89FS60
RA001
Note 1: fcgck: Gear clock [Hz], fs: Low-frequency clock oscillation circuit clock
Note 2: Don't change the contents of the registers when the start condition is generated, the stop condition is generated or the
data transfer is in progress. Write data to the registers before the start condition is generated or during the period from
when an interrupt request is generated for stopping the data transfer until it is released.
Note 3: After a software reset is generated, all the bits of SBI0CR2 register except SBI0CR2<SBIM> and the SBI0CR1, I2C0AR
and SBI0SR2 registers are initialized.
Note 4: When the operation is switched to STOP, IDLE0 or SLOW mode, the SBI0CR2 register, except SBI0CR2<SBIM>, and the
SBI0CR1, I2C0AR and SBI0DBR registers are initialized.
Note 5: When fcgck is 4MHz, SCK should be not set to 0y000, 0y001 or 0y010 because it is not possible to satisfy the bus speci-
fication of fast mode.
BC
Number of data bits
BC
ACK=0
ACK=1
Number of
clocks for data
transfer
Number of data
bits
Number of clocks
for data transfer
Number of data bits
000:
8
8
9
8
001:
1
1
2
1
010:
2
2
3
2
011:
3
3
4
3
100:
4
4
5
4
101:
5
5
6
5
110:
6
6
7
6
111:
7
7
8
7
ACK
Generation and counting
of the clocks for an
acknowledge signal
ACK
Master mode
Slave mode
0:
Not generating the clocks for an
acknowledge signal. Generate an
interrupt request when the data
transfer is finished
(non-acknowledgement mode)
Generate an interrupt request when the
data transfer is finished
(non-acknowledgement mode)
1:
Generate the clocks for an
acknowledge signal and an inter-
rupt request when the data trans-
fer is finished
(acknowledgement mode)
Count the clocks for an acknowledge signal
and generate an interrupt request when the
data transfer is finished
(acknowledgement mode)
NOACK
Enables/disables the
slave address match
detection and the GEN-
ERAL CALL detection
NOACK
Master mode
Slave mode
0:
Don’t Care
Enable the slave address match detection
and the GENERAL CALL detection
1:
Don’t Care
Disable the slave address match detection
and the GENERAL CALL detection
SCK
HIGH and LOW periods
of the serial clock in the
master mode
Time before the release
of the SCL pin in the
slave mode
SCK
tHIGH(m/fcgck)
tLOW(n/fcgck)
fscl@fcgck=
8MHz
fscl@fcgck=
4MHz
mn
000:
9
12
381KHz
Reserved (Note5)
001:
11
14
320KHz
Reserved (Note5)
010:
15
18
242KHz
Reserved (Note5)
011:
23
26
163KHz
82KHz
100:
39
42
99KHz
49KHz
101:
71
74
55KHz
28KHz
110:
135
138
29KHz
15KHz
111:
263
266
15KHz
8KHz
Serial bus interface control register 2
SBI0CR2
(0x0023)
76543
210
Bit Symbol
MST
TRX
BB
PIN
SBIM
-
SWRST
Read/Write
WWWWW
R
W
After reset
00010
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com