Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 278 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 278 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 274Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 275Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 276Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 277Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 278Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 279Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 280Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 281Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 282Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 410 page
background image
Page 264
18. Serial Bus Interface (SBI)
18.3 Control
TMP89FS60
RA001
18.3 Control
The following registers are used to control the serial bus interface and monitor the operation status.
• Serial bus interface control register 1 (SBI0CR1)
• Serial bus interface control register 2 (SBI0CR2)
• Serial bus interface status register 2 (SBI0SR2)
• Serial bus interface data buffer register (SBI0DBR)
•I2C bus address register (I2C0AR)
In addition, the serial bus interface has low power consumption registers that save power when the serial bus inter-
face is not being used.
Note 1: When SBI0EN is cleared to "0", the clock supply to the serial bus interface is stopped. At this time, the data written
to the serial bus interface control registers is invalid. When the serial bus interface is used, set SBI0EN to "1" and
then write the data to the serial bus interface control registers.
Low power consumption register 1
POFFCR1
76543
210
(0x0F75)
Bit Symbol
-
-
-
SBI0EN
-
UART2EN
UART1EN
UART0EN
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
SBI0EN
I2C0 control
0
1
Disable
Enable
UART2EN
UART2 control
0
1
Disable
Enable
UART1EN
UART1 control
0
1
Disable
Enable
UART0EN
UART0 control
0
1
Disable
Enable
Serial bus interface control register 1
SBI0CR1
(0x0022)
76543
210
Bit Symbol
BC
ACK
NOACK
SCK
Read/Write
R/W
R/W
R/W
R/W
After reset
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com