Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 280 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 280 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 276Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 277Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 278Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 279Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 280Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 281Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 282Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 283Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 284Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 410 page
background image
Page 266
18. Serial Bus Interface (SBI)
18.3 Control
TMP89FS60
RA001
Note 1: When SBI0CR2<SBIM> is "0", no value can be written to SBI0CR2 except SBI0CR2<SBIM>. Before writing values to
SBI0CR2, write "1" to SBI0CR2<SBIM> to activate the serial bus interface mode.
Note 2: Don't change the contents of the registers, except SBI0CR2<SWRST>, when the start condition is generated, the stop
condition is generated or the data transfer is in progress. Write data to the registers before the start condition is generated
or during the period from when an interrupt request is generated for stopping the data transfer until it is released.
Note 3: Make sure that the port is in a high state before switching the port mode to the serial bus interface mode. Make sure that
the bus is free before switching the serial bus interface mode to the port mode.
Note 4: SBI0CR2 is a write-only register, and must not be accessed by using a read-modify-write instruction, such as a bit opera-
tion.
Note 5: After a software reset is generated, all the bits of SBI0CR2 register except SBI0CR2<SBIM> and the SBI0CR1, I2C0AR
and SBI0SR2 registers are initialized.
Note 6: When the operation is switched to STOP, IDLE0 or SLOW mode, the SBI0CR2 register, except SBI0CR2<SBIM>, and the
SBI0CR1, I2C0AR and SBI0DBR registers are initialized.
Note 1: * : Unstable
Note 2: When SBI0CR2<SBIM> becomes "0", SBI0SR is initialized.
Note 3: After a software reset is generated, all the bits of the SBI0CR2 register except SBI0CR2<SBIM> and the SBI0CR1,
I2C0AR and SBI0SR2 registers are initialized.
Note 4: When the operation is switched to STOP, IDLE0 or SLOW mode, the SBI0CR2 register, except SBI0CR2<SBIM>, and the
SBI0CR1, I2C0AR and SBI0DBR registers are initialized.
MST
Master/slave selection
0: Slave
1: Master
TRX
Transmitter/receiver selection
0: Receiver
1: Transmitter
BB
Start/stop generation
0: Generate the stop condition (when MST, TRX and PIN are "1")
1: Generate the start condition (when MST, TRX and PIN are "1")
PIN
Cancel interrupt service request
0: - (Cannot clear this bit by the software)
1: Cancel interrupt service request
SBIM
Serial bus interface operation
mode register
0: Port mode
1: Serial bus interface mode
SWRST
Software reset start bit
The software reset starts by first writing "10" and next writing "01"
Serial bus interface status register 2
SBI0SR2
(0x0023)
76543
210
Bit Symbol
MST
TRX
BB
PIN
AL
AAS
AD0
LRB
Read/Write
RRRRRRRR
After reset
00010
00
*
MST
Master/slave selection status
monitor
0: Slave
1: Master
TRX
Transmitter/receiver selection
status monitor
0: Receiver
1: Transmitter
BB
Bus status monitor
0: Bus free
1: Bus busy
PIN
Interrupt service requests sta-
tus monitor
0: Requesting interrupt service
1: Releasing interrupt service request
AL
Arbitration lost detection monitor
0: -
1: Arbitration lost detected
AAS
Slave address match detection
monitor
0: -
1: Detect slave address match or "GENERAL CALL"
AD0
"GENERAL CALL" detection
monitor
0: -
1: Detect "GENERAL CALL"
LRB
Last received bit monitor
0: Last received bit is "0"
1: Last received bit is "1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com