Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 283 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 283 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 279Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 280Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 281Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 282Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 283Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 284Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 285Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 286Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 287Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 410 page
background image
Page 269
TMP89FS60
RA001
Figure 18-5 Number of Clocks for Data Transfer and SBI0CR1<BC> and SBI0CR1<ACK>
The relationship between the number of clocks for data transfer and SBI0CR1<BC> and
SBI0CR1<ACK> is shown in Table 18-1.
BC is cleared to "000" by the start condition.
Therefore, the slave address and the direction bit are always transferred in 8-bit units. In other cases, BC
keeps the set value.
Note: SBI0CR1<ACK> must be set before transmitting or receiving a slave address. When SBI0CR1<ACK>
is cleared, the slave address match detection and the direction bit detection are not executed properly.
18.4.3.2 Output of an acknowledge signal
In the acknowledgment mode, the SDA0 pin changes as follows during the period of the clocks for an
acknowledge signal.
• In the master mode
In the transmitter mode, the SDA0 pin is released to receive an acknowledge signal from the
receiver during the period of the clocks for an acknowledge signal. In the receiver mode, the
SDA0 pin is pulled down to the low level and an acknowledge signal is generated during the
period of the clocks for an acknowledge signal.
• In the slave mode
When a match between the received slave address and the slave address set to I2C0AR<SA>
is detected or when a GENERAL CALL is received, the SDA0 pin is pulled down to the low
level and an acknowledge signal is generated during the period of the clocks for an acknowl-
edge signal.
Table 18-1 Relationship between the Number of Clocks for Data Transfer and SBI0CR1<BC>
and SBI0CR1<ACK>
BC
ACK=0 (Non-acknowledgment mode)
ACK=1 (Acknowledgment mode)
Number of clocks for data
transfer
Number of data bits
Number of clocks for data
transfer
Number of data bits
000
8
8
9
8
001
1
1
2
1
010
2
2
3
2
011
3
3
4
3
100
4
4
5
4
101
5
5
6
5
110
6
6
7
6
111
7
7
8
7
22
33
44
56
11
SBI0CR1<BC>="110",
SBI0CR1<ACK>="0"
SBI0CR1<BC>="011",
SBI0CR1<ACK>="1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com