Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 294 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 294 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 290Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 291Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 292Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 293Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 294Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 295Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 296Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 297Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 298Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 410 page
background image
Page 280
18. Serial Bus Interface (SBI)
18.5 Data Transfer of I2C Bus
TMP89FS60
RA001
Figure 18-18 Example when SBI0CR1<BC>="000" and SBI0CR1<ACK>="1"
(2)
When SBI0SR2<TRX> is "0" (Receiver mode)
When the data to be transmitted subsequently is other than 8 bits, set SBI0CR1<BC> again. Set
SBI0CR1< ACK> to "1" and read the received data from the SBI0DBR (Reading data is undefined
immediately after a slave address is sent).
After the data is read, SBI0CR2<PIN> becomes "1" by writing the dummy data (0x00) to the
SBI0DBR. The serial bus interface circuit outputs a serial clock pulse to the SCL0 pin to transfer the
subsequent 1-word data and sets the SDA0 pin to "0" at the acknowledge signal timing.
An interrupt request occurs and SBI0CR2<PIN> becomes "0". Then a serial bus interface circuit
outputs a clock pulse for 1-word data transfer and the acknowledge signal by writing data to the
SBI0DBR or setting SBI0CR2<PIN> to "1" after reading the received data.
Figure 18-19 Example when SBI0CR1<BC>="000" and SBI0CR1<ACK>="1"
To make the transmitter terminate transmission, execute following procedure before receiving a
last data.
1. Read the received data.
2. Clear SBI0CR1<ACK> to "0" and set SBI0CR1<BC> to "000".
3. To set SBI0CR2<PIN> to "1", write a dummy data (0x00) to SBI0DBR.
Transfer 1-word data in which no clock is generated for an acknowledge signal by setting
SBI0CR2<PIN> to "1". Next, execute following procedure.
1. Read the received data.
23456789
1
Acknowledge signal
from the receiver
D7
D6
D5
D4
D3
D2
D1
D0
SCL0 pin
SDA0 pin
INTSBI0 Interrupt request
SBI0CR2<PIN>
Write to SBI0DBR
Acknowledge signal
to the transmitter
23456789
9
1
D7
New D7
D5
D6
D4
D3
D2
D1
D0
Read SBI0DBR
Write to SBI0DBR
SDA0 pin
SCL0 pin
SBI0CR2<PIN>
INTSBI0 Interrupt
request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com