Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 318 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 318 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 314Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 315Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 316Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 317Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 318Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 319Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 320Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 321Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 322Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 410 page
background image
Page 304
21. Flash Memory
TMP89FS60
RA003
21.1 Flash Memory Control
The flash memory is controlled by the flash memory control register 1 (FLSCR1), flash memory control register 2
(FLSCR2), and flash memory standby control register (FLSSTB).
Note 1: If "0xD5" is set on FLSCR2<CR1EN> with FLSCR1<FLSMD> set to "101", the flash memory goes into an active state,
and MCU consumes the same amount of current as it does during a read.
Flash memory control register 1
FLSCR1
76543
210
(0x0FD0)
Bit Symbol
FLSMD
BAREA
FAREA
-
-
Read/Write
R/W
R/W
R/W
R/W
R/W
After reset
01000
000
FLSMD
Flash memory command
sequence and toggle control
010:
101:
Others:
Disable command sequence and toggle execution
Enable command sequence and toggle execution
Reserved
BAREA
BOOTROM mapping control
MCU mode
Serial PROM mode
0:
1:
Hide BOOTROM
Show BOOTROM
-
Show BOOTROM
FAREA
Flash memory area select control
00:
Assign the data area 0x8000 through 0xFFFF
to the data area 0x8000 through 0xFFFF (standard mapping).
01:
Assign the data area 0x1000 through 0x7FFF
to the data area 0x9000 through 0xFFFF.
10:
Assign the code area 0x8000 through 0xFFFF
to the data area 0x8000 through 0xFFFF.
11:
Assign the code area 0x1000 through 0x7FFF
to the data area 0x9000 through 0xFFFF.
Note 1:
It is prohibited to make a setting in "Reserved".
Note 2:
The flash memory control register 1 has a double-buffer structure comprised of the register FLSCR1 and a shift register.
Writing "0xD5" to the register FLSCR2 allows a register setting to be reflected and take effect in the shift register. This
means that a register setting value does not take effect until "0xD5" is written to the register FLSCR2. The value of the shift
register can be checked by reading the register FLSCRM.
Note 3:
FLSMD must be set to either "0y010" or "0y101".
Flash memory control register 2
FLSCR2
76543
210
(0x0FD1)
Bit Symbol
CR1EN
Read/Write
W
After reset
*
*******
CR1EN
FLSCR1 register
enable/disable control
0xD5
Others
Enable a change in the FLSCR1 setting
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com