Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 316 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 316 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 312Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 313Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 314Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 315Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 316Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 317Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 318Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 319Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 320Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 410 page
background image
Page 302
20. 10-bit AD Converter (ADC)
20.7 Precautions about the AD Converter
TMP89FS60
RA001
20.7 Precautions about the AD Converter
20.7.1 Analog input pin voltage range
Analog input pins (AIN0 through AIN15) should be used at voltages from VAREF to VSS. If any voltage
outside this range is applied to one of the analog input pins, the converted value on that pin becomes uncertain,
and converted values on other pins will also be affected.
20.7.2 Analog input pins used as input/output ports
Analog input pins (AIN0 to AIN15) are also used as input/output ports. In using one of analog input pins
(ports) to execute AD conversion, input/output instructions at all other pins (ports) must not be executed. If
they are executed, there is the possibility that the accuracy of AD conversion may deteriorate. This also applies
to pins other than analog input pins; if one pin receives inputs or generates outputs, noise may occur and its
adjacent pins may be affected by that noise.
20.7.3 Noise countermeasure
The internal equivalent circuit of the analog input pins is shown in Figure 20-5. The higher the output imped-
ance of the analog input source, the more susceptible it becomes to noise. Therefore, make sure the output
impedance of the signal source in your design is 5 k
Ω or less. It is recommended that a capacitor be attached
externally.
Figure 20-5 Analog Input Equivalent Circuit and Example of Input Pin Processing
DA converter
Analog comparator
rnal resistance:
rnal capacitance:
#!Undefined!# k
Ω (typ)
DA converter
AINi
Analog comparator
Internal resistance:
Permissible signal
source impedance:
Internal capacitance:
5 k
Ω (typ)
5 k
Ω (max)
Note) i = 15 to 0
C = 22 pF (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com