Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 312 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 312 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 308Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 309Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 310Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 311Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 312Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 313Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 314Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 315Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 316Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 410 page
background image
Page 298
20. 10-bit AD Converter (ADC)
20.3 Functions
TMP89FS60
RA001
20.3
Functions
The 10-bit AD converter operates in either single mode in which AD conversion is performed only once or repeat
mode in which AD conversion is performed repeatedly.
20.3.1 Single mode
In single mode, the voltage at a designated analog input pin is AD converted only once.
Setting ADCCR1<ADRS> to "1" after setting ADCCR1<AMD> to "01" allows AD conversion to start.
ADCCR1<ADRS> is automatically cleared after the start of AD conversion. As AD conversion starts,
ADCCR2<ADBF> is set to "1". It is cleared to "0" if AD conversion is finished or if AD conversion is forced
to stop.
After AD conversion is finished, the conversion result is stored in the AD converted value registers
(ADCDRL and ADCDRH), ADCCR2<EOCF> is set to "1", and the AD conversion finished interrupt
(INTADC) is generated. The AD converted value registers (ADCDRL and ADCDRH) should be usually read
according to the INTADC interrupt processing routine. If the upper side (ADCDRH) of the AD converted
value register is read, ADCCR2<EOCF> is cleared to "0".
Note:Do not perform the following operations on the ADCCR1 register when AD conversion is being executed
(ADCCR2<ADBF>="1"). If the following operations are performed, there is the possibility that AD conversion
may not be executed properly.
• Changing the ADCCR1<SAIN> setting
• Setting ADCCR1<AINEN> to "0"
• Changing the ADCCR1<AMD> setting (except a forced stop by setting AMD to "00")
• Setting ADCCR1<ADRS> to "1"
Figure 20-2 Single Mode
20.3.2 Repeat mode
In repeat mode, the voltage at an analog input pin designated at ADCCR1<SAIN> is AD converted repeat-
edly.
Setting ADCCR1<ADRS> to "1" after setting ADCCR1<AMD> to "11" allows AD conversion to start.
After the start of AD conversion, ADCCR1<ADRS> is automatically cleared. After the first AD conversion is
finished, the conversion result is stored in the AD converted value registers (ADCDRL and ADCDRH),
ADCCR2<EOCF> is set to "1", and the AD conversion finished interrupt (INTADC) is generated. After this
interrupt is generated, the second (next) AD conversion starts immediately.
Status of ADCDRL
and ADCDRH
Clearing EOCF based on
the conversion result
Read of conversion result
Read of conversion result
Read of conversion result
Read of conversion result
ADCCR2<EOCF>
INTADC interrupt
request
ADCCR2<ADBF>
ADCCR1<ADRS>
Result of the first conversion
Result of the second conversion
Indeterminate
AD conversion start
AD conversion start
Read of ADCDRH
Read of ADCDRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com