Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 310 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 310 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 306Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 307Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 308Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 309Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 310Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 311Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 312Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 313Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 314Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 410 page
background image
Page 296
20. 10-bit AD Converter (ADC)
20.2 Control
TMP89FS60
RA001
Note 1: Make sure that you make the ACK setting when AD conversion is in a halt condition (ADCCR2<ADBF>="0").
Note 2: Make sure that you write "0" to bit 3 of ADCCR2.
Note 3: If STOP, IDLE0 or SLOW mode is started, EOCF and ADBF are initialized to "0".
Note 4: If the AD converted value register (ADCDRH) is read, EOCF is cleared to "0". It is also cleared to "0" if AD conversion is
started (ADCCR1<ADRS>="1") without reading ADCDRH after completing AD conversion in single mode.
Note 5: If an instruction to read ADCCR2 is executed, 0 is read from bits 3 through 5.
AD converter control register 2
ADCCR2
76543
210
(0x0035)
Bit Symbol
EOCF
ADBF
-
-
"0"
ACK
Read/Write
RRRR
W
R/W
After reset
00000
000
EOCF
AD conversion end flag
0:
1:
Before conversion or during conversion
Conversion end
ADBF
AD conversion BUSY flag
0:
1:
AD conversion being halted
AD conversion being executed
ACK
AD conversion time select (exam-
ples of AD conversion time are
shown in the table below)
000:
001:
010:
011:
100:
101:
110:
111:
39/fcgck
78/fcgck
156/fcgck
312/fcgck
624/fcgck
1248/fcgck
Reserved
Reserved
Table 20-1 ACK Settings and Conversion Times Relative to Frequencies
Frequency (fcgck)
ACK setting
Conversion
time
8MHz
4MHz
2MHz
5MHz
2.5MHz
1MHz
0.5MHz
0.25
MHz
000
39/fcgck
-
-
19.5
µs
-
15.6
µs
39.0
µs78.0 µs
156.0
µs
001
78/fcgck
-
19.5
µs39.0 µs
15.6
µs
31.2
µs
78.0
µs
156.0
µs-
010
156/fcgck
19.5
µs39.0 µs78.0 µs
31.2
µs
62.4
µs
156.0
µs-
-
011
312/fcgck
39.0
µs78.0 µs
156.0
µs
62.4
µs124.8 µs-
-
-
100
624/fcgck
78.0
µs
156.0
µs
-
124.8
µs
---
-
101
1248/fcgck
156.0
µs
-
-----
-
11*
Reserved
Note 1: Spaces indicated by "-" in the above table mean that it is prohibited to establish conversion times in these spaces.
fcgck: High Frequency oscillation clock [Hz]
Note 2: Above conversion times do not include the time shown below.
- Time from when ADCCR1<ADRS> is set to 1 to when AD conversion is started
- Time from when AD conversion is finished to when a converted value is stored in ADCDRL and ADCDRH.
If ACK = 00*, the longest conversion time is 10/fcgck (s). If ACK = 01*, it is 32/fcgck (s). If ACK = 10*, it is 128/fcgck(s).
Note 3: The conversion time must be longer than the following time by analog reference voltage (VAREF).
- VAREF = 4.5 to 5.5 V
15.6
µs or longer
- VAREF = 2.7 to 5.5 V
31.2
µs or longer
- VAREF = 2.5 to 5.5 V
124.8
µs or longer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com