Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 309 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 309 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 305Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 306Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 307Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 308Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 309Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 310Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 311Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 312Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 313Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 410 page
background image
Page 295
TMP89FS60
RA001
Note 1: Do not perform the following operations on the ADCCR1 register while AD conversion is being executed
(ADCCR2<ADBF>="1").
- Changing SAIN
- Setting AINEN to "0"
- Changing AMD (except a forced stop by setting AMD to "00")
- Setting ADRS to "1"
Note 2: If you want to disable all analog input channels, set AINEN to "0".
Note 3: Although analog input pins are also used as input/output ports, it is recommended for the purpose of maintaining the accu-
racy of AD conversion that you do not execute input/output instructions during AD conversion. Additionally, do not input
widely varying signals into the ports adjacent to analog input pins.
Note 4: When STOP, IDLE0 or SLOW mode is started, ADRS, AMD and AINEN are initialized to "0". If you use the AD converter
after returning to NORMAL mode, you must reconfigure ADRS, AMD and AINEN.
Note 5: After the start of AD conversion, ADRS is automatically cleared to "0" ("0" is read).
AD converter control register 1
ADCCR1
76543
210
(0x0034)
Bit Symbol
ADRS
AMD
AINEN
SAIN
Read/Write
R/W
R/W
R/W
R/W
After reset
00000
000
ADRS
AD conversion start
0:
1:
-
AD conversion start
AMD
AD operating mode
00:
01:
10:
11:
AD operation disable, forcibly stop AD operation
Single mode
Reserved
Repeat mode
AINEN
Analog input control
0:
1:
Analog input disable
Analog input enable
SAIN
Analog input channel select
0000:
0001:
0010:
0011:
0100:
0101:
0110:
0111:
1000:
1001:
1010:
1011:
1100:
1101:
1110:
1111:
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
AIN10
AIN11
AIN12
AIN13
AIN14
AIN15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com