Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 307 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 307 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 303Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 304Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 305Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 306Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 307Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 308Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 309Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 310Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 311Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 410 page
background image
Page 293
TMP89FS60
RA001
20. 10-bit AD Converter (ADC)
The TMP89FS60 has a 10-bit successive approximation type AD converter.
20.1 Configuration
The circuit configuration of the 10-bit AD converter is shown in Figure 20-1.
It consists of control registers ADCCR1 and ADCCR2, converted value registers ADCDRL and ADCDRH, a DA
converter, a sample-hold circuit, a comparator, a successive comparison circuit, etc.
Figure 20-1 10-bit AD Converter
Note 1: Before using the AD converter, set an appropriate value to the I/O port register which is also used as an analog
input port. For details, see the section on "I/O ports".
Note 2: The DA converter current (IREF) is automatically cut off at times other than during AD conversion.
2
4
10
10
8
2
AINEN
R/2
R/2
R
ACK
AMD
AD converted value registers 1 and 2
AD converter control registers 1 and 2
INTADC
SAIN
n
Successive
approximation circuit
ADCCR2
ADCDRL
ADCDRH
ADCCR1
Sample-hold
circuit
A
S EN
Shift clock
DA converter
Input selector
Y
Reference
voltage
Analog
comparator
3
Control circuit
VSS
VAREF
AVDD
AIN0
AIN15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com