Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 311 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 311 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 307Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 308Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 309Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 310Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 311Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 312Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 313Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 314Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 315Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 410 page
background image
Page 297
TMP89FS60
RA001
Note 1: A read of ADCDRL or ADCDRH must be read after the INTADC interrupt is generated or after ADCCR2<EOCF> becomes
"1".
Note 2: In single mode, do not read ADCDRL or ADCDRH during AD conversion (ADCCR2<ADBF>="1"). (If AD conversion is fin-
ished in the interim between a read of ADCDRL and a read of ADCDRH, the INTADC interrupt request is canceled, and
the conversion result is lost.)
Note 3: If STOP, IDLE0 or SLOW mode is started, ADCDRL and ADCDRH are initialized to "0".
Note 4: If ADCCR1<AMD> is set to "00", ADCDRL and ADCDRH are initialized to "0".
Note 5: If an instruction to read ADCDRH is executed, "0" is read from bits 7 through 2.
Note 6: If AD conversion is finished in repeat mode in the interim between a read of ADCDRL and a read of ADCDRH, the previ-
ous converted value is retained without overwriting the AD converted value register. In this case, the INTADC interrupt
request is canceled, and the conversion result is lost.
AD converted value register (lower side)
ADCDRL
76543
210
(0x0036)
Bit Symbol
AD07
AD06
AD05
AD04
AD03
AD02
AD01
AD00
Read/Write
RRRRRRRR
After reset
00000
000
AD converted value register (upper side)
ADCDRH
76543
210
(0x0037)
Bit Symbol
-----
-
AD09
AD08
Read/Write
RRRRRRRR
After reset
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com