Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 313 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 313 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 309Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 310Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 311Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 312Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 313Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 314Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 315Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 316Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 317Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 410 page
background image
Page 299
TMP89FS60
RA001
The AD converted value registers (ADCDRL and ADDRH) should be read before the next AD conversion is
finished. If the next AD conversion is finished in the interim between a read of ADCDRL and a read of
ADCDRH, the previous converted value is retained without overwriting the AD converted value registers
(ADCDRL and ADCDRH). In this case, the INTADC interrupt request is not generated, and the conversion
result is lost. (See Figure 20-3.)
To stop AD conversion, write "00" (AD operation disable) to ADCCR1<AMD>. As "00" is written to
ADCCR1<AMD>, AD conversion stops immediately. In this case, the converted value is not stored in the AD
converted value register. As AD conversion starts, ADCCR2<ADBF> is set to "1". It is cleared to "0" if "00" is
written to AMD.
Figure 20-3 Repeat Mode
20.3.3 AD operation disable and forced stop of AD operation
If you want to force the AD converter to stop when AD conversion is ongoing in single mode or if you want
to stop the AD converter when AD conversion is ongoing in repeat mode, set ADCCR1<AMD> to "00".
If ADCCR1<AMD> is set to "00", registers ADCCR2<EOCF>, ADCCR2<ADBF>, ADCDRL, and
ADCDRH are initialized to "0".
Status of ADCDRL
and ADCDRH
A read of the
conversion result
will clear EOCF.
The INTADC interrupt request is
not generated in the interim
between a read of ADCDRL
and a read of ADCDRH.
Read of
conversion
result
Read of
conversion
result
ADCCR2<EOCF>
INTADC interrupt
Conversion
operation
ADCCR1<ADRS>
AD conversion start
ADCCR1<AMD>
“11”
“00”
AD conversion is
suspended.
The conversion result
is not stored.
Read of ADCDRH
Read of ADCDRL
Read of
conversion
result
Read of
conversion
result
Read of
conversion
result
Read of
conversion
result
Indeterminate
Result of the 1st conversion
Result of the
2nd conversion
Result of the 3rd
conversion
Result of the 4th
conversion
Result of the 4th
conversion
Result of the 3rd
conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com