Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 321 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 321 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 317Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 318Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 319Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 320Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 321Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 322Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 323Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 324Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 325Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 410 page
background image
Page 307
TMP89FS60
RA003
21.2 Functions
21.2.1 Flash memory command sequence execution and toggle control (FLSCR1
<FLSMD>)
To prevent inadvertent writes to the flash memory due to program error or microcontroller malfunction, the
execution of the flash memory command sequence and the toggle operation can be disabled (the flash memory
can be write protected) by making an appropriate control register setting (write protect). To enable the execu-
tion of the command sequence and the toggle operation, set FLSCR1<FLSMD> to "0y101", and then set
"0xD5" on FLSCR2<CR1EN>. To disable the execution of the command sequence, set FLSCR1<FLSMD> to
"0y010", and then set "0xD5" on FLSCR2<CR1EN>. If the command sequence or the toggle operation is exe-
cuted with the execution of the command sequence and the toggle operation set to "disable", the executed com-
mand sequence or toggle operation takes no effect.
After a reset, FLSCR1<FLSMD> is initialized to "0y010" to disable the execution of the command
sequence. FLSCR1<FLSMD> should normally be set to "0y010" except when a write or erase is to be per-
formed on the flash memory.
Note 1: If "0xD5" is set on FLSCR2<CR1EN> with FLSCR1<FLSMD> set to "101", the flash memory goes into an
active state, and MCU consumes the same amount of current as it does during a read.
Note 2: If FLSCR1<FLSMD> is set to "disable", subsequent commands (write instructions) generated are rejected
but a command sequence being executed is not initialized.
If you want to set FLSCR1<FLSMD> to "disable", you must finish all command sequences and verify that
the flash memory is ready to be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com