Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 325 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 325 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 321Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 322Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 323Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 324Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 325Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 326Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 327Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 328Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 329Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 410 page
background image
Page 311
TMP89FS60
RA003
Figure 21-2 Show/Hide Switching for BOOTROM and RAM
21.2.5 Flash memory standby control (FLSSTB<FSTB>)
When the TMP89FS60 does not access the flash memory, a steady-state current of flash memory can be cut
off to decrease the electric energy consumed.
In IDLE0, IDLE1, IDLE2, SLEEP0, SLEEP1, and STOP modes, a steady-state current is automatically cut.
In SLOW1 mode, a steady-state current can be cut by controlling registers, on the condition that the flash mem-
ory is not accessed to execute a program on RAM. To cut a steady-state current being supplied to the flash mem-
ory, set FLSSTB<FSTB> to "1" by using a control program allocated to RAM (if FLSSTB<FSTB> is
configured using a control program allocated to the flash memory, the configured value will be invalidated).
Data area
If SYSSR4<RAREAS>=“0”
FLSCR1<BAREA>=“0”
If SYSSR4<RAREAS>=“1”
FLSCR1<BAREA>=“0”
Code area
0x0000
0x003F
0x0040
0xXXXX
0x1000
0xFFFF
0x0000
0xFFFF
SFR
Data area
If SYSSR4<RAREAS>=“0”
FLSCR1<BAREA>=“1”
If SYSSR4<RAREAS>=“1”
FLSCR1<BAREA>=“1”
Code area
RAM
In serial PROM mode
Note : XXXXH is end of RAM address.
BOOTROM
0x0000
0x003F
0x0040
0xXXXX
0x1000
0x17FF
0x1800
0xFFFF
SFR
RAM
BOOTROM
0x0000
0x1000
0x17FF
0x1800
0xFFFF
Data area
Code area
Data area
Code area
BOOTROM
0x0000
0x003F
0x0040
0xXXXX
0x1000
0x17FF
0x1800
0xFFFF
SFR
RAM
RAM
BOOTROM
0x0000
0x003F
0x0040
0xXXXX
0x1000
0x17FF
0x1800
0xFFFF
Data area
Code area
BOOTROM
0x0000
0x003F
0x0040
0xXXXX
0x1000
0x17FF
0x1800
0xFFFF
SFR
RAM
RAM
BOOTROM
0x0000
0x003F
0x0040
0xXXXX
0x1000
0x17FF
0x1800
0xFFFF
0x0000
0x003F
0x0040
0xXXXX
0x1000
0xFFFF
SFR
RAM
RAM
0x0000
0x003F
0x0040
0xXXXX
0xXXXX+1
0xFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com