Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 329 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 329 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 325Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 326Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 327Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 328Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 329Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 330Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 331Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 332Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 333Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 410 page
background image
Page 315
TMP89FS60
RA003
21.3.2 Sector erase (4-kbyte partial erase)
Data in the erased area is 0xFF.
Note 1: The data and code areas become mirror areas. As you access these areas, you are brought to the same
physical address in memory. When performing a sector erase, make sure that you erase data from either of
these two areas, not both.
Note 2: Do not perform a sector erase on areas other than those shown in Table 21-3.
Table 21-2 Range of Addresses Specifiable (BA)
Write Area
FLSCR1
<FAREA>
Address specified by instruction
(Address of 4th bus write cycle)
AREA D0
(Data area)
0x1000 through 0x7FFF
01
0x9000 through 0xFFFF
AREA D1
(Data area)
0x8000 through 0xFFFF
00
0x8000 through 0xFFFF
AREA C0
(Code area)
0x1000 through 0x7FFF
11
0x9000 through 0xFFFF
AREA C1
(Code area)
0x8000 through 0xFFFF
10
0x8000 through 0xFFFF
This command erases the flash memory in units of 4 kbytes. The flash memory area to be erased is specified
by the upper 4 bits of the 6th bus write cycle address. The range of addresses that can be specified is shown in
Table 21-3. For example, to erase 4 kbytes from 0x1000 through 0x1FFF in the code area, set FLSCR1<FAR-
EA> to "0y11", set "0xD5" on FLSCR2<CR1EN>, and then specify either 0x9000 or 0x9FFF as the 6th bus
write cycle. The sector erase command is effective only in MCU and serial PROM modes, and it cannot be used
in parallel PROM mode.
The time needed to erase 4 kbytes is 30 ms maximum. The next command sequence cannot be executed if an
ongoing erase operation is not completed. To check the completion of the erase operation, perform read opera-
tions twice on the same address in the flash memory, and perform polling until the same data is read from the
flash memory. During the erase operation, bit 6 is reversed each time a read is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com