Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 330 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 330 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 326Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 327Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 328Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 329Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 330Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 331Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 332Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 333Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 334Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 410 page
background image
Page 316
21. Flash Memory
TMP89FS60
RA003
21.3.3 Chip erase (all erase)
This command erases the entire flash memory.
The time needed to erase it is 30 ms maximum. The next command sequence cannot be executed if an ongo-
ing erase operation is not completed. To check the completion of the erase operation, perform read operations
twice on the same address in the flash memory, and perform polling until the same data is read from the flash
memory. During the erase operation, bit 6 is reversed each time a read is performed.
Data in the erased area is 0xFF.
Table 21-3 Range of Addresses Specifiable
Erase Area
FLSCR1
<FAREA>
Address specified by instruction
(Address of 6th bus write cycle)
AREA D0
(Data area)
0x1000 through 0x1FFF
01
0x9000 through 0x9FFF
0x2000 through 0x2FFF
0xA000 through 0xAFFF
0x3000 through 0x3FFF
0xB000 through 0xBFFF
0x4000 through 0x4FFF
0xC000 through 0xCFFF
0x5000 through 0x5FFF
0xD000 through 0xDFFF
0x6000 through 0x6FFF
0xE000 through 0xEFFF
0x7000 through 0x7FFF
0xF000 through 0xFFFF
AREA D1
(Data area)
0x8000 through 0x8FFF
00
0x8000 through 0x8FFF
0x9000 through 0x9FFF
0x9000 through 0x9FFF
0xA000 through 0xAFFF
0xA000 through 0xAFFF
0xB000 through 0xBFFF
0xB000 through 0xBFFF
0xC000 through 0xCFFF
0xC000 through 0xCFFF
0xD000 through 0xDFFF
0xD000 through 0xDFFF
0xE000 through 0xEFFF
0xE000 through 0xEFFF
0xF000 through 0xFFFF
0xF000 through 0xFFFF
AREA C0
(Code area)
0x1000 through 0x1FFF
11
0x9000 through 0x9FFF
0x2000 through 0x2FFF
0xA000 through 0xAFFF
0x3000 through 0x3FFF
0xB000 through 0xBFFF
0x4000 through 0x4FFF
0xC000 through 0xCFFF
0x5000 through 0x5FFF
0xD000 through 0xDFFF
0x6000 through 0x6FFF
0xE000 through 0xEFFF
0x7000 through 0x7FFF
0xF000 through 0xFFFF
AREA C1
(Code area)
0x8000 through 0x8FFF
10
0x8000 through 0x8FFF
0x9000 through 0x9FFF
0x9000 through 0x9FFF
0xA000 through 0xAFFF
0xA000 through 0xAFFF
0xB000 through 0xBFFF
0xB000 through 0xBFFF
0xC000 through 0xCFFF
0xC000 through 0xCFFF
0xD000 through 0xDFFF
0xD000 through 0xDFFF
0xE000 through 0xEFFF
0xE000 through 0xEFFF
0xF000 through 0xFFFF
0xF000 through 0xFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com