Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 331 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 331 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 327Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 328Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 329Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 330Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 331Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 332Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 333Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 334Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 335Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 410 page
background image
Page 317
TMP89FS60
RA003
21.3.4 Product ID entry
This command activates the product ID mode. If an instruction to read the flash memory is executed in Prod-
uct ID mode, the vendor ID, flash ID and security status can be read from the flash memory.
21.3.5 Product ID exit
This command is used to exit the Product ID mode.
21.3.6 Security program
If the security program is enabled, the flash memory is read protected in parallel PROM mode, and the flash
memory overwrite command and the RAM loader command cannot be executed in serial PROM mode.
To disable the security program, the chip erase must be performed. To check whether the security program is
enabled or disabled, read 0xFF7F in product ID mode. Refer to Table 21-4 for further details. The time needed
to enable or disable the security program is 40
µs maximum. The next command sequence cannot be executed
until the security program setting is completed. To check the completion of the security program setting, per-
form read operations twice on the same address in the flash memory, and perform polling until the same data is
read. When the security program setting is being made, bit 6 is reversed each time a read is performed.
21.4 Toggle Bit (D6)
After the flash memory write, the chip erase, and the security program command sequence are executed, the value
of the 6th bit (D6) in data read by a read operation is reversed each time a read is performed. This bit reversal can be
used as a software mechanism for checking the completion of each operation. Normally, perform read operations
twice on the same address in the flash memory, and perform polling until the same data is read from the flash mem-
ory.
After the flash memory write, the chip erase, and the security program command sequence are executed, the toggle
bit read by the first read operation is always "1".
Note 1: If FLSCR1<FLSMD> is set to "disable", the toggle bit is not reversed.
Note 2: Do not read the toggle bit by using a 16-bit transfer instruction. If the toggle bit is read using a 16-bit transfer
instruction, the toggle bit does not function properly.
Note 3: Because the instruction cycle is longer than the write time in SLOW mode, the value is not reversed, even if the
toggle bit is read right after the Byte Program is performed.
Table 21-4 Values to Be Read in Product ID Mode
Address
Meaning
Read value
0xF000
Vendor ID
0x98
0xF001
Flash ID
0x4D
0xFF7F
Security status
0xFF:
Security program disabled
Other than 0xFF: Security program enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com