Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 328 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 328 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 324Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 325Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 326Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 327Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 328Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 329Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 330Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 331Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 332Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 410 page
background image
Page 314
21. Flash Memory
TMP89FS60
RA003
21.3 Command Sequence
In MCU and serial PROM modes, the command sequence consists of six commands (JEDEC compatible), as
shown in Table 21-1.
Note 1: Specify the address and data to be written (Refer to Table 21-2 about BA).
Note 2: The area to be erased is specified with the upper 4 bits of the address (Refer to Table 21-3 about SA).
Note 3: Do not start the STOP, IDLE0, IDLE1, IDLE2, SLEEP1 or SLEEP0 mode while a command sequence is being executed or
a task specified in a command sequence is being executed (write, erase or ID entry).
Note 4: # ; 0x1 through 0xF should be specified as the upper 4bits of the address. However, while FLSCRM<BAREAM> is "1", 0x2
or more should be specified. Usually, it is recommended that 0xF is specified.
Note 5: XXX ; Don’t care
21.3.1 Byte program
This command writes the flash memory in units of one byte. The address and data to be written are specified
in the 4th bus write cycle. The range of addresses that can be specified is shown in Table 21-2. For example, to
write data to 0x1000 in the data area, set FLSCR1<FAREA> to "0y01", set "0xD5" on FLSCR2<CR1EN>, and
then specify 0x9000 as an address in the 4th bus write cycle. The time needed to write each byte is 40
µs max-
imum. The next command sequence cannot be executed if an ongoing write operation is not completed. To
check the completion of the write operation, perform read operations twice on the same address in the flash
memory, and perform polling until the same data is read from the flash memory. During the write operation, bit
6 is reversed each time a read is performed.
Note 1: To rewrite data to addresses in the flash memory where data (including 0xFF) is already written, make sure
that you erase the existing data by performing a sector erase or chip erase before writing data.
Note 2: The data and code areas become mirror areas. As you access these areas, you are brought to the same
physical address in memory. When performing a Byte Program, make sure that you write data to either of
these two areas, not both.
Note 3: Do not perform a Byte Program on areas other than those shown in Table 21-2.
Table 21-1 Command Sequence
Command sequence
1st Bus Write
Cycle
2nd Bus Write
Cycle
3rd Bus Write
Cycle
4th Bus Write
Cycle
5th Bus Write
Cycle
6th Bus Write
Cycle
AddDataAdd
Data
AddDataAdd
Data
AddData
Add
Data
1
Byte Program
0x#555
0xAA
0x#AAA
0x55
0x#555
0xA0
BA
(Note 1)
Data
(Note 1)
--
--
2
Sector Erase
(partial erase in units of
4KB)
0x#555
0xAA
0x#AAA
0x55
0x#555
0x80
0x#555
0xAA
0x#AAA
0x55
SA
(Note 2)
0x30
3
Chip Erase
(all erase)
0x#555
0xAA
0x#AAA
0x55
0x#555
0x80
0x#555
0xAA
0x#AAA
0x55
0x#555
0x10
4
Product ID Entry
0x#555
0xAA
0x#AAA
0x55
0x#555
0x90
-
-
-
-
-
-
5
Product ID Exit
0xXX
0xF0
--
---
---
--
6
Security Program
0x#555
0xAA
0x#AAA
0x55
0x#555
0xA5
0xFF7F
0x00
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com