Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 324 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 324 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 320Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 321Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 322Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 323Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 324Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 325Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 326Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 327Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 328Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 410 page
background image
Page 310
21. Flash Memory
TMP89FS60
RA003
21.2.3 RAM area switching (SYSCR3<RAREA>)
If "0xD4" is set on SYSCR4 after SYSCR3<RAREA> is set to "1" in MCU mode, RAM is mapped to the
code area. To restore the RAM area to the initial state of mapping, set SYSCR3<RAREA> to "0", and then set
"0xD4" on SYSCR4.
In serial PROM mode, RAM is mapped to the code area, irrespective of the SYSCR3<RAREA> setting.
21.2.4 BOOTROM area switching (FLSCR1<BAREA>)
If "0xD5" is set on FLSCR2<CR1EN> after FLSCR1<BAREA> is set to "1" in MCU mode, 0x1000 through
0x17FF in the code and data areas is masked by flash memory, and 2K-byte (first half of 4KB) BOOTROM is
mapped. If you do not want to map BOOTROM, set "0xD5" on FLSCR2<CR1EN> after setting
FLSCR1<BAREA> to "0".
A set of codes for programming flash memory in serial PROM mode are built into BOOTROM, and a sup-
port program (API) for performing an erase or write on flash memory in a simple manner is also built into one
part in the BOOTROM area. Therefore, by calling a subroutine in the support program after BOOTROM is
mapped, it is possible to erase, write and read flash memory easily.
In serial PROM mode, BOOTROM is mapped to 0x1000 through 0x17FF in the data area and 0x1000
through 0x1FFF in the code area, irrespective of the FLSCR1<BAREA> setting. BAREA is always "1", and
the set BAREA value remains unchanged, even if data is written. "1" is always read from BAREA.
Note:
Do not allocate the FLSCR1<FAREA> switching program to the code area 0x1000 through 0x1FFF. If it is
allocated to that area, the software program may not function properly, and the microcontroller may malfunc-
tion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com