Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 323 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 323 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 319Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 320Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 321Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 322Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 323Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 324Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 325Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 326Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 327Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 410 page
background image
Page 309
TMP89FS60
RA003
Figure 21-1 Area Switching Using the FLSCR1<FAREA> Setting
0xFFFF
0xFFFF
0x8000
0x7FFF
0x8000
0x7FFF
Data area
If FLSCR<FAREA> = “00”
Code area
0x0000
0x0000
SFR
RAM
0x0FFF
0x1000
Flash
Flash
Flash
Flash
0x0000
SFR
RAM
0x0FFF
0x0000
SFR
RAM
0x0FFF
0x0000
SFR
RAM
0x0FFF
0x0FFF
0x1000
0x0FFF
0x1000
0x8000
0x7FFF
0x8000
0x7FFF
0x8000
0x7FFF
0xFFFF
0x0000
61440
bytes
61440
bytes
AREA C0
AREA C1
AREA D1
AREA D0
0xFFFF
0x8000
0x7FFF
Data area
If FLSCR<FAREA> = “01”
Code area
0x1000
61440
bytes
AREA C0
AREA C1
AREA D0
If FLSCR<FAREA> = “10”
Flash
Flash
Flash
0xFFFF
0x0000
0xFFFF
0x8000
0x7FFF
Data area
Code area
0x1000
0x0FFF
0x1000
0x0FFF
0x1000
61440
bytes
AREA C0
AREA C1
AREA C1
AREA D0
61440
bytes
Flash
0xFFFF
0x0000
0xFFFF
0x8000
0x9000
0x7FFF
Data area
If FLSCR<FAREA> = “11”
Code area
0x1000
61440
bytes
AREA C0
AREA D0
AREA C1
AREA D0
61440
bytes
61440
bytes
AREA C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com