Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 167 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 167 Page - Texas Instruments

Back Button AM69 Datasheet HTML 163Page - Texas Instruments AM69 Datasheet HTML 164Page - Texas Instruments AM69 Datasheet HTML 165Page - Texas Instruments AM69 Datasheet HTML 166Page - Texas Instruments AM69 Datasheet HTML 167Page - Texas Instruments AM69 Datasheet HTML 168Page - Texas Instruments AM69 Datasheet HTML 169Page - Texas Instruments AM69 Datasheet HTML 170Page - Texas Instruments AM69 Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 326 page
background image
6.10.2.2 Combined MCU and Main Domains Power- Up Sequencing
Section 6.10.2.2 describes the primary power-up sequencing when similar MCU and Main voltage domains
are combined into common power rails. Combining MCU and Main voltage domains simplifies PDN design
by reducing total number of power rails and sources while making MCU and Main processor sub-systems
operational dependent on common power rails.
J7VCL_ELCH_01
T0
T1
T2
T3
T4
(VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU,
VDDSHV0, VDDSHV2, VDDSHV5 ) , VDDA_3P3_USB
(D) (B)
(E)
(VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU,
VDDSHV0, VDDSHV2, VDDSHV5 ) ,VDDS_MMC0
(D) (C)
VDD_CPU
VDD_MCU , VDD_MCU_WAKE1, VDD_CORE,
(I)
VDD_WAKE0, VDDA_0P8_SERDES,
VDDA_0P8_SERDES_C, VDDA_0P8_USB,
VDDAR_CORE, VDDAR_CPU, VDDAR_MCU
(I)
MCU_PORz
(J)(K)
OSC1_XI, OSC1_XO
(optional)
WKUP_LFOSC0_XI, WKUP_LFOSC0_XO
(optional)
WKUP_OSC0_XI, WKUP_OSC0_XO
VDDS_DDR_BIAS, VDDS_DDR, VDDS_DDR_C,
VDDA_0P8_PLL_DDR, VDDA_0P8_DLL_MMC0
(H)
MCU_BOOTMODE[9:0], BOOTMODE[7:0]
(J)
Valid Configuration
(VDDA_MCU_PLLGRP0, VDDA_MCU_TEMP, VDDA_ADC_MCU,
VDDA_POR_WKUP, VDDA_WKUP, VDDA_OSC1,
VDDA_PLLGRP8, VDDA_PLLGRP6,VDDA_PLLGRP4,
VDDA_PLLGRP0, VDDA_TEMP0, VDDA_TEMP1)
(F)
(VDDA_1P8_SERDES, VDDA_1P8_USB)
(G)
PORz
(J)(K)
A.
Time stamp markers:
•
T0 – 3.3V voltages start ramp-up to VOPR MIN. (0 ms)
•
T1 – 1.8-V voltages start ramp-up to VOPR MIN. (2 ms)
•
T2 – Low voltage core supplies start ramp-up to VOPR MIN. (3 ms)
•
T3 – Low voltage RAM array voltages start ramp-up to VOPR MIN. (4 ms)
•
T4 – OSC1 is stable and PORz/MCU_PORz are de-asserted to release processor from reset. (13 ms)
B.
Any MCU or Main dual voltage IO supplies (VDDSHVn_MCU or VDDSHVn) being supplied by 3.3V to support 3.3V digital interfaces. A
few supplies could have varying start times between T0 to T1 due to PDN designs using different power resources with varying turn-on
& ramp-up time delays.
C.
Any MCU or Main dual voltage IO supplies (VDDSHVn_MCU or VDDSHVn) being supplied by 1.8 V to support 1.8-V digital interfaces.
When eMMC memories are used, Main 1.8-V supplies could have a ramp-up aligned to T3 due to PDN designs grouping supplies with
VDD_MMC0.
D.
VDDSHV5 supports MMC1 signaling for SD memory cards. If compliant high-speed SD card operation is needed, then an independent,
dual voltage (3.3 V/1.8 V) power source and rail are required. The start of ramp-up to 3.3 V will be same as other 3.3-V domains as
shown. If SD card is not needed or standard data rates with fixed 3.3 V operation is acceptable, then domain can be grouped with digital
IO 3.3-V power rail. If a SD card is capable of operating with fixed 1.8 V, then domain can be grouped with digital IO 1.8-V power rail.
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
167
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com