Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 84 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 84 Page - Texas Instruments

Back Button AM69 Datasheet HTML 80Page - Texas Instruments AM69 Datasheet HTML 81Page - Texas Instruments AM69 Datasheet HTML 82Page - Texas Instruments AM69 Datasheet HTML 83Page - Texas Instruments AM69 Datasheet HTML 84Page - Texas Instruments AM69 Datasheet HTML 85Page - Texas Instruments AM69 Datasheet HTML 86Page - Texas Instruments AM69 Datasheet HTML 87Page - Texas Instruments AM69 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 326 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [16]
PADCFG Address [17]
Signal
Name [3]
Mux
Mode
[4]
A94
54 [5]
Signal
Type [6]
I/O
Voltage
[7]
Ball State
DURING
Reset
(RX/TX/PULL)
[8]
Ball State
AFTER
Reset
(RX/TX/PULL)
[9]
Mux
Mode
AFTER
Reset
[10]
Pull
Type
[11]
Power [12]
Hys
[13]
Voltage
Buffer
Type [14]
IO
RET [15]
AA24,
AA26,
AA28,
AA30,
AB25,
AB29,
AB31,
AC26,
AC28,
AC30,
AD25,
AD27,
AD29,
AD31,
AE24,
AE26,
AE28,
AE30,
AE32,
AF13,
AF17,
AF19,
AF23,
AF25,
AF27,
AF29,
AF31,
AG12,
AG14,
AG16,
AG18,
AG20,
AG22,
AG24,
AG26,
AG30,
AG32,
AH31,
AJ30, M11,
M13, M15,
M17, M19,
N12, N16,
N18, P11,
P17, P19,
R12, R14,
R16, R18,
R24, R26,
R28, T11,
T13, T27,
U12, U24,
U26, U28,
V25, V27,
W24, W26,
W28, W30,
W32, Y25,
Y29, Y31
AA24,
AA26,
AA28,
AB23,
AB25,
AB27,
AC22,
AC24,
AC26,
AC28,
AD11,
AD15,
AD17,
AD21,
AD23,
AD25,
AD27,
AE10,
AE12,
AE14,
AE16,
AE18,
AE20,
AE22,
AE24,
AE28,
AF19, K11,
K15, K17,
K9, L10,
L12, L14,
L16, M11,
M13, M15,
M17, M9,
N10, N12,
N14, N16,
N22, N24,
N26, P11,
P25, P9,
R10, R22,
R24, R26,
T23, T25,
U22, U24,
U26, U28,
V23, V27,
W22, W24,
W26, W28,
Y23, Y27
VDD_CORE
VDD_CORE
PWR
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
www.ti.com
84
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com