Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 60 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 60 Page - Texas Instruments

Back Button AM69 Datasheet HTML 56Page - Texas Instruments AM69 Datasheet HTML 57Page - Texas Instruments AM69 Datasheet HTML 58Page - Texas Instruments AM69 Datasheet HTML 59Page - Texas Instruments AM69 Datasheet HTML 60Page - Texas Instruments AM69 Datasheet HTML 61Page - Texas Instruments AM69 Datasheet HTML 62Page - Texas Instruments AM69 Datasheet HTML 63Page - Texas Instruments AM69 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 326 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [16]
PADCFG Address [17]
Signal
Name [3]
Mux
Mode
[4]
A94
54 [5]
Signal
Type [6]
I/O
Voltage
[7]
Ball State
DURING
Reset
(RX/TX/PULL)
[8]
Ball State
AFTER
Reset
(RX/TX/PULL)
[9]
Mux
Mode
AFTER
Reset
[10]
Pull
Type
[11]
Power [12]
Hys
[13]
Voltage
Buffer
Type [14]
IO
RET [15]
G36
E20
MCU_RESETz
PADCFG:
WKUP_PADCONFIG_70
0x4301C118
MCU_RESETz
0
I
1.8 V/3.3
V
On / NA / Up
On / Off / Up
0
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
No
B37
C14
MCU_RGMII1_RXC
PADCFG:
WKUP_PADCONFIG_33
0x4301C084
MCU_RGMII1_RXC
0
I
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2_
MCU
Yes
LVCMOS
No
MCU_RMII1_REF_CLK
1
I
WKUP_GPIO0_47
7
IO
C37
C12
MCU_RGMII1_RX_CTL
PADCFG:
WKUP_PADCONFIG_27
0x4301C06C
MCU_RGMII1_RX_CTL
0
I
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2_
MCU
Yes
LVCMOS
No
MCU_RMII1_RX_ER
1
I
WKUP_GPIO0_41
7
IO
E36
A14
MCU_RGMII1_TXC
PADCFG:
WKUP_PADCONFIG_32
0x4301C080
MCU_RGMII1_TXC
0
O
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2_
MCU
Yes
LVCMOS
No
MCU_RMII1_TX_EN
1
O
WKUP_GPIO0_46
7
IO
C38
B14
MCU_RGMII1_TX_CTL
PADCFG:
WKUP_PADCONFIG_26
0x4301C068
MCU_RGMII1_TX_CTL
0
O
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2_
MCU
Yes
LVCMOS
No
MCU_RMII1_CRS_DV
1
I
WKUP_GPIO0_40
7
IO
A35
E13
MCU_RGMII1_RD0
PADCFG:
WKUP_PADCONFIG_37
0x4301C094
MCU_RGMII1_RD0
0
I
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2_
MCU
Yes
LVCMOS
No
MCU_RMII1_RXD0
1
I
WKUP_GPIO0_51
7
IO
B36
D14
MCU_RGMII1_RD1
PADCFG:
WKUP_PADCONFIG_36
0x4301C090
MCU_RGMII1_RD1
0
I
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2_
MCU
Yes
LVCMOS
No
MCU_RMII1_RXD1
1
I
WKUP_GPIO0_50
7
IO
C36
D12
MCU_RGMII1_RD2
PADCFG:
WKUP_PADCONFIG_35
0x4301C08C
MCU_RGMII1_RD2
0
I
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2_
MCU
Yes
LVCMOS
No
MCU_TIMER_IO5
1
IO
WKUP_GPIO0_62
7
IO
D36
D13
MCU_RGMII1_RD3
PADCFG:
WKUP_PADCONFIG_34
0x4301C088
MCU_RGMII1_RD3
0
I
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2_
MCU
Yes
LVCMOS
No
MCU_TIMER_IO4
1
IO
WKUP_GPIO0_48
7
IO
D37
B13
MCU_RGMII1_TD0
PADCFG:
WKUP_PADCONFIG_31
0x4301C07C
MCU_RGMII1_TD0
0
O
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2_
MCU
Yes
LVCMOS
No
MCU_RMII1_TXD0
1
O
WKUP_GPIO0_45
7
IO
D38
A13
MCU_RGMII1_TD1
PADCFG:
WKUP_PADCONFIG_30
0x4301C078
MCU_RGMII1_TD1
0
O
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2_
MCU
Yes
LVCMOS
No
MCU_RMII1_TXD1
1
O
WKUP_GPIO0_44
7
IO
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
www.ti.com
60
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com