Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 86 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 86 Page - Texas Instruments

Back Button AM69 Datasheet HTML 82Page - Texas Instruments AM69 Datasheet HTML 83Page - Texas Instruments AM69 Datasheet HTML 84Page - Texas Instruments AM69 Datasheet HTML 85Page - Texas Instruments AM69 Datasheet HTML 86Page - Texas Instruments AM69 Datasheet HTML 87Page - Texas Instruments AM69 Datasheet HTML 88Page - Texas Instruments AM69 Datasheet HTML 89Page - Texas Instruments AM69 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 326 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [16]
PADCFG Address [17]
Signal
Name [3]
Mux
Mode
[4]
A94
54 [5]
Signal
Type [6]
I/O
Voltage
[7]
Ball State
DURING
Reset
(RX/TX/PULL)
[8]
Ball State
AFTER
Reset
(RX/TX/PULL)
[9]
Mux
Mode
AFTER
Reset
[10]
Pull
Type
[11]
Power [12]
Hys
[13]
Voltage
Buffer
Type [14]
IO
RET [15]
P28
M26
VMON4_IR_VEXT1P8
VMON4_IR_VEXT1P8
A
R29
M29
VMON5_IR_VEXT3P3
VMON5_IR_VEXT3P3
A
AA31
V29
VPP_CORE
VPP_CORE
PWR
L29
F26
VPP_MCU
VPP_MCU
PWR
H38
E15
WKUP_GPIO0_0
PADCFG:
WKUP_PADCONFIG_48
0x4301C0C0
MCU_SPI1_CLK
0
IO
1.8 V/3.3
V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
MCU_SPI1_CLK
1
IO
WKUP_GPIO0_0
7
IO
MCU_BOOTMODE03
BOOTS
TRAP
I
J34
D16
WKUP_GPIO0_1
PADCFG:
WKUP_PADCONFIG_49
0x4301C0C4
MCU_SPI1_D0
0
IO
1.8 V/3.3
V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
MCU_SPI1_D0
1
IO
WKUP_GPIO0_1
7
IO
MCU_BOOTMODE04
BOOTS
TRAP
I
J35
D18
WKUP_GPIO0_2
PADCFG:
WKUP_PADCONFIG_50
0x4301C0C8
MCU_SPI1_D1
0
IO
1.8 V/3.3
V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
MCU_SPI1_D1
1
IO
WKUP_GPIO0_2
7
IO
MCU_BOOTMODE05
BOOTS
TRAP
I
J36
D19
WKUP_GPIO0_3
PADCFG:
WKUP_PADCONFIG_51
0x4301C0CC
MCU_SPI1_CS0
0
IO
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
MCU_SPI1_CS0
1
IO
WKUP_GPIO0_3
7
IO
H35
E16
WKUP_GPIO0_4
PADCFG:
WKUP_PADCONFIG_52
0x4301C0D0
MCU_MCAN1_TX
0
O
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
MCU_MCAN1_TX
1
O
MCU_SPI0_CS3
2
IO
MCU_ADC_EXT_TRIGGER0
3
I
WKUP_GPIO0_4
7
IO
K36
D20
WKUP_GPIO0_5
PADCFG:
WKUP_PADCONFIG_53
0x4301C0D4
MCU_MCAN1_RX
0
I
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
MCU_MCAN1_RX
1
I
MCU_SPI1_CS3
2
IO
MCU_ADC_EXT_TRIGGER1
3
I
WKUP_GPIO0_5
7
IO
L37
B15
WKUP_GPIO0_6
PADCFG:
WKUP_PADCONFIG_54
0x4301C0D8
WKUP_UART0_CTSn
0
I
1.8 V/3.3
V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
WKUP_UART0_CTSn
1
I
MCU_CPTS0_HW1TSPUSH
2
I
MCU_I2C1_SCL
3
IOD
WKUP_GPIO0_6
7
IO
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
www.ti.com
86
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com