Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 98 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 98 Page - Texas Instruments

Back Button AM69 Datasheet HTML 94Page - Texas Instruments AM69 Datasheet HTML 95Page - Texas Instruments AM69 Datasheet HTML 96Page - Texas Instruments AM69 Datasheet HTML 97Page - Texas Instruments AM69 Datasheet HTML 98Page - Texas Instruments AM69 Datasheet HTML 99Page - Texas Instruments AM69 Datasheet HTML 100Page - Texas Instruments AM69 Datasheet HTML 101Page - Texas Instruments AM69 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 326 page
background image
Table 5-4. MCU_ADC1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCU_ADC1_REFN
A
ADC Reference (Negative)
W35
D29
MCU_ADC1_REFP
A
ADC Reference (Positive)
AA35
C30
MCU_ADC1_AIN0
A
ADC Input 0
Y38
C32
MCU_ADC1_AIN1
A
ADC Input 1
Y34
B33
MCU_ADC1_AIN2
A
ADC Input 2
V34
B31
MCU_ADC1_AIN3
A
ADC Input 3
W37
B29
MCU_ADC1_AIN4
A
ADC Input 4
AA37
D31
MCU_ADC1_AIN5
A
ADC Input 5
W33
A32
MCU_ADC1_AIN6
A
ADC Input 6
U33
A30
MCU_ADC1_AIN7
A
ADC Input 7
Y36
C28
5.3.2 DDRSS
5.3.2.1 MAIN Domain
Table 5-5. DDRSS0 Signal Descriptions
SIGNAL NAME [1] ((2))
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
DDR0_CKN
IO
DDRSS Differential Clock (negative)
AB2
Y2
DDR0_CKP
IO
DDRSS Differential Clock (positive)
AC1
AA1
DDR0_RESETn
IO
DDRSS Reset
AD5
W7
DDR0_RET
I
DDR Retention Enable
AC8
AC7
DDR0_CA0
IO
DDRSS Command Address
AD2
AA3
DDR0_CA1
IO
DDRSS Command Address
AC5
Y4
DDR0_CA2
IO
DDRSS Command Address
AB4
AA4
DDR0_CA3
IO
DDRSS Command Address
AC4
AB3
DDR0_CA4
IO
DDRSS Command Address
AB3
Y3
DDR0_CA5
IO
DDRSS Command Address
AC3
AB5
DDR0_CAL0 (1)
A
IO Pad Calibration Resistor
AE8
R7
DDR0_CKE0
IO
DDRSS Clock Enable
AB6
AB6
DDR0_CKE1
IO
DDRSS Clock Enable
AD3
AB7
DDR0_CSn0_0
IO
DDRSS Chip Select
AD7
AA6
DDR0_CSn0_1
IO
DDRSS Chip Select
AC7
Y5
DDR0_CSn1_0
IO
DDRSS Chip Select
AB7
Y7
DDR0_CSn1_1
IO
DDRSS Chip Select
AD6
AA7
DDR0_DM0
IO
DDRSS Data Mask
V3
U6
DDR0_DM1
IO
DDRSS Data Mask
AA4
V2
DDR0_DM2
IO
DDRSS Data Mask
AG2
AE2
DDR0_DM3
IO
DDRSS Data Mask
AJ5
AF6
DDR0_DQ0
IO
DDRSS Data
U2
R5
DDR0_DQ1
IO
DDRSS Data
U4
R4
DDR0_DQ2
IO
DDRSS Data
W6
R2
DDR0_DQ3
IO
DDRSS Data
W5
T4
DDR0_DQ4
IO
DDRSS Data
V4
U5
DDR0_DQ5
IO
DDRSS Data
V7
T3
DDR0_DQ6
IO
DDRSS Data
U5
T6
DDR0_DQ7
IO
DDRSS Data
V6
T7
DDR0_DQ8
IO
DDRSS Data
Y2
V4
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
www.ti.com
98
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com