Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 55 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 55 Page - Texas Instruments

Back Button AM69 Datasheet HTML 51Page - Texas Instruments AM69 Datasheet HTML 52Page - Texas Instruments AM69 Datasheet HTML 53Page - Texas Instruments AM69 Datasheet HTML 54Page - Texas Instruments AM69 Datasheet HTML 55Page - Texas Instruments AM69 Datasheet HTML 56Page - Texas Instruments AM69 Datasheet HTML 57Page - Texas Instruments AM69 Datasheet HTML 58Page - Texas Instruments AM69 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 326 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [16]
PADCFG Address [17]
Signal
Name [3]
Mux
Mode
[4]
A94
54 [5]
Signal
Type [6]
I/O
Voltage
[7]
Ball State
DURING
Reset
(RX/TX/PULL)
[8]
Ball State
AFTER
Reset
(RX/TX/PULL)
[9]
Mux
Mode
AFTER
Reset
[10]
Pull
Type
[11]
Power [12]
Hys
[13]
Voltage
Buffer
Type [14]
IO
RET [15]
P36
E26
MCU_ADC0_AIN0
PADCFG:
WKUP_PADCONFIG_77
0x4301C134
MCU_ADC0_AIN0
0
A
1.8 V
0
VDDA_ADC
0
ADC12B
No
WKUP_GPIO0_71
7 (1)
I
V36
F25
MCU_ADC0_AIN1
PADCFG:
WKUP_PADCONFIG_78
0x4301C138
MCU_ADC0_AIN1
0
A
1.8 V
0
VDDA_ADC
0
ADC12B
No
WKUP_GPIO0_72
7 (1)
I
T34
F23
MCU_ADC0_AIN2
PADCFG:
WKUP_PADCONFIG_79
0x4301C13C
MCU_ADC0_AIN2
0
A
1.8 V
0
VDDA_ADC
0
ADC12B
No
WKUP_GPIO0_73
7 (1)
I
T36
A28
MCU_ADC0_AIN3
PADCFG:
WKUP_PADCONFIG_80
0x4301C140
MCU_ADC0_AIN3
0
A
1.8 V
0
VDDA_ADC
0
ADC12B
No
WKUP_GPIO0_74
7 (1)
I
P34
E24
MCU_ADC0_AIN4
PADCFG:
WKUP_PADCONFIG_81
0x4301C144
MCU_ADC0_AIN4
0
A
1.8 V
0
VDDA_ADC
0
ADC12B
No
WKUP_GPIO0_75
7 (1)
I
R37
D27
MCU_ADC0_AIN5
PADCFG:
WKUP_PADCONFIG_82
0x4301C148
MCU_ADC0_AIN5
0
A
1.8 V
0
VDDA_ADC
0
ADC12B
No
WKUP_GPIO0_76
7 (1)
I
R33
A26
MCU_ADC0_AIN6
PADCFG:
WKUP_PADCONFIG_83
0x4301C14C
MCU_ADC0_AIN6
0
A
1.8 V
0
VDDA_ADC
0
ADC12B
No
WKUP_GPIO0_77
7 (1)
I
V38
B27
MCU_ADC0_AIN7
PADCFG:
WKUP_PADCONFIG_84
0x4301C150
MCU_ADC0_AIN7
0
A
1.8 V
0
VDDA_ADC
0
ADC12B
No
WKUP_GPIO0_78
7 (1)
I
Y38
C32
MCU_ADC1_AIN0
PADCFG:
WKUP_PADCONFIG_85
0x4301C154
MCU_ADC1_AIN0
0
A
1.8 V
0
VDDA_ADC
1
ADC12B
No
WKUP_GPIO0_79
7 (1)
I
Y34
B33
MCU_ADC1_AIN1
PADCFG:
WKUP_PADCONFIG_86
0x4301C158
MCU_ADC1_AIN1
0
A
1.8 V
0
VDDA_ADC
1
ADC12B
No
WKUP_GPIO0_80
7 (1)
I
V34
B31
MCU_ADC1_AIN2
PADCFG:
WKUP_PADCONFIG_87
0x4301C15C
MCU_ADC1_AIN2
0
A
1.8 V
0
VDDA_ADC
1
ADC12B
No
WKUP_GPIO0_81
7 (1)
I
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com