Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 25 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AM69 Datasheet HTML 21Page - Texas Instruments AM69 Datasheet HTML 22Page - Texas Instruments AM69 Datasheet HTML 23Page - Texas Instruments AM69 Datasheet HTML 24Page - Texas Instruments AM69 Datasheet HTML 25Page - Texas Instruments AM69 Datasheet HTML 26Page - Texas Instruments AM69 Datasheet HTML 27Page - Texas Instruments AM69 Datasheet HTML 28Page - Texas Instruments AM69 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 326 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [16]
PADCFG Address [17]
Signal
Name [3]
Mux
Mode
[4]
A94
54 [5]
Signal
Type [6]
I/O
Voltage
[7]
Ball State
DURING
Reset
(RX/TX/PULL)
[8]
Ball State
AFTER
Reset
(RX/TX/PULL)
[9]
Mux
Mode
AFTER
Reset
[10]
Pull
Type
[11]
Power [12]
Hys
[13]
Voltage
Buffer
Type [14]
IO
RET [15]
D17
B5
DDR1_DQ7
DDR1_DQ7
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C1
DDR
B15
E5
DDR1_DQ8
DDR1_DQ8
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C1
DDR
B14
D2
DDR1_DQ9
DDR1_DQ9
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C1
DDR
C13
E2
DDR1_DQ10
DDR1_DQ10
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C1
DDR
D13
F4
DDR1_DQ11
DDR1_DQ11
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C1
DDR
F13
D6
DDR1_DQ12
DDR1_DQ12
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C1
DDR
G13
E4
DDR1_DQ13
DDR1_DQ13
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C1
DDR
E14
D3
DDR1_DQ14
DDR1_DQ14
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C1
DDR
D14
D5
DDR1_DQ15
DDR1_DQ15
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C1
DDR
E8
M3
DDR1_DQ16
DDR1_DQ16
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C1
DDR
G9
K4
DDR1_DQ17
DDR1_DQ17
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C1
DDR
F9
M2
DDR1_DQ18
DDR1_DQ18
IO
1.1 V
VDDS_DDR
/
VDDS_DDR
_C1
DDR
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com