Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 83 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 83 Page - Texas Instruments

Back Button AM69 Datasheet HTML 79Page - Texas Instruments AM69 Datasheet HTML 80Page - Texas Instruments AM69 Datasheet HTML 81Page - Texas Instruments AM69 Datasheet HTML 82Page - Texas Instruments AM69 Datasheet HTML 83Page - Texas Instruments AM69 Datasheet HTML 84Page - Texas Instruments AM69 Datasheet HTML 85Page - Texas Instruments AM69 Datasheet HTML 86Page - Texas Instruments AM69 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 326 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [16]
PADCFG Address [17]
Signal
Name [3]
Mux
Mode
[4]
A94
54 [5]
Signal
Type [6]
I/O
Voltage
[7]
Ball State
DURING
Reset
(RX/TX/PULL)
[8]
Ball State
AFTER
Reset
(RX/TX/PULL)
[9]
Mux
Mode
AFTER
Reset
[10]
Pull
Type
[11]
Power [12]
Hys
[13]
Voltage
Buffer
Type [14]
IO
RET [15]
AA23
W21
VDDA_PLLGRP12
VDDA_PLLGRP12
PWR
AB26
Y24
VDDA_PLLGRP13
VDDA_PLLGRP13
PWR
N28
L26
VDDA_POR_WKUP
VDDA_POR_WKUP
PWR
Y27
V26
VDDA_TEMP0
VDDA_TEMP0
PWR
M12
K10
VDDA_TEMP1
VDDA_TEMP1
PWR
W23
U21
VDDA_TEMP2
VDDA_TEMP2
PWR
AE13
AC11
VDDA_TEMP3
VDDA_TEMP3
PWR
AD18
AB16
VDDA_TEMP4
VDDA_TEMP4
PWR
K31, L32
J27
VDDA_WKUP
VDDA_WKUP
PWR
V30, V32,
W31
T28
VDDSHV0
VDDSHV0
PWR
H29, J28,
K29
H27
VDDSHV0_MCU
VDDSHV0_MCU
PWR
H25, J24,
K25
G22, H23
VDDSHV1_MCU
VDDSHV1_MCU
PWR
T30, T32,
U31
N28, P28
VDDSHV2
VDDSHV2
PWR
H27, J26,
K27
G24, H25
VDDSHV2_MCU
VDDSHV2_MCU
PWR
P31, R30,
R31
N27
VDDSHV5
VDDSHV5
PWR
A31, AK1,
B1, H11,
H13, H15,
H17, H19,
H9, J10,
J12, J14,
J16, J18,
J8, K11,
K13, K15,
K17, K19,
K9, L10,
L12, L14,
L16, L18,
M9, N10,
N8, P9,
R10, R8,
T9, U10,
U8
A2, AH1,
G10, G12,
G14, G16,
G18, H11,
H13, H15,
H17, H9,
J10, J14,
J16, J8,
K7, L8, M7,
P7, R8
VDDS_DDR
VDDS_DDR
PWR
T10
N8
VDDS_DDR_C0
VDDS_DDR_C0
PWR
L15
J12
VDDS_DDR_C1
VDDS_DDR_C1
PWR
M10
VDDS_DDR_C2
VDDS_DDR_C2
PWR
L17
VDDS_DDR_C3
VDDS_DDR_C3
PWR
AF9,
AG10,
AG8, AH9
AE8, AF7
VDDS_MMC0
VDDS_MMC0
PWR
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com